Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3930 Datasheet(PDF) 19 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 19 Page - ams AG

Back Button AS3930 Datasheet HTML 15Page - ams AG AS3930 Datasheet HTML 16Page - ams AG AS3930 Datasheet HTML 17Page - ams AG AS3930 Datasheet HTML 18Page - ams AG AS3930 Datasheet HTML 19Page - ams AG AS3930 Datasheet HTML 20Page - ams AG AS3930 Datasheet HTML 21Page - ams AG AS3930 Datasheet HTML 22Page - ams AG AS3930 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
www.austriamicrosystems.com/AS3930
Revision 1.0
19 - 33
AS3930
Data Sheet - D e t a i l e d D e s c r i p t i o n
In case the maximum amplification at the beginning is a drawback (e.g. in noisy environment) it is possible to set a smaller starting gain on the
amplifier, according to the Table 14. In this way it is possible to reduce the false frequency detection.
8.4.2 Antenna Damper
The antenna damper allows the chip to deal with higher field strength, it is enabled by register R1<4>. It consists of shunt resistors which
degrade the quality factor of the resonator by reducing the signal at the input of the amplifier. In this way the resonator sees a smaller parallel
resistance (in the band of interest) which degrades its quality factor in order to increase the linear range of the channel amplifier (the amplifier
doesn't saturate in presence of bigger signals). Table 15 shows the bit setup.
8.5 Demodulator / Data Slicer
The performance of the demodulator can be optimized according to bit rate and preamble length as described in Table 16 and Table 17.
Table 14. Bit setting of Gain Reduction
R4<3>
R4<2>
R4<1>
R4<0>
Gain reduction
0
0
0
0
no gain reduction
00
0
1
n.a.
0
0
1
0 or 1
n.a.
0
1
0
0 or 1
-4dB
0
1
1
0 or 1
-8dB
1
0
0
0 or 1
-12dB
1
0
1
0 or 1
-16dB
1
1
0
0 or 1
-20dB
1
1
1
0 or 1
-24dB
Table 15. Antenna Damper Bit Setup
R4<5>
R4<4>
Shunt resistor (parallel to the resonator at 125 kHz)
00
1 k
Ω
01
3 k
Ω
10
9 k
Ω
11
27 k
Ω
Table 16. Bit setup for Envelop Detector for Different Symbol Rates
R3<2>
R3<1>
R3<0>
Symbol rate [Manchester symbols/s]
0
0
0
4096
0
0
1
2184
0
1
0
1490
01
1
1130
1
0
0
910
1
0
1
762
1
1
0
655
1
1
1
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com