Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3930 Datasheet(PDF) 21 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 21 Page - ams AG

Back Button AS3930 Datasheet HTML 17Page - ams AG AS3930 Datasheet HTML 18Page - ams AG AS3930 Datasheet HTML 19Page - ams AG AS3930 Datasheet HTML 20Page - ams AG AS3930 Datasheet HTML 21Page - ams AG AS3930 Datasheet HTML 22Page - ams AG AS3930 Datasheet HTML 23Page - ams AG AS3930 Datasheet HTML 24Page - ams AG AS3930 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
www.austriamicrosystems.com/AS3930
Revision 1.0
21 - 33
AS3930
Data Sheet - D e t a i l e d D e s c r i p t i o n
If the preamble is detected correctly the correlator keeps searching for a data pattern. The duration of the preamble plus the pattern should not
be longer than 40 bits (see bit rate definition in Table 18). The data pattern can be defined by the user and consists of two bytes which are stored
in the registers R5<7:0> and R6<7:0>. The two bytes define the pattern consisting of 16 half bit periods. This means the pattern and the bit
period can be selected by the user. The only limitation is that the pattern (in combination with preamble) must obey Manchester coding and
timing. It must be noted that according to Manchester coding a down-to-up bit transition represents a symbol "0", while a transition up-to-down
represents a symbol "1". If the default code is used (96 [hex]) the binary code is (10 01 01 10 01 10 10 01). MSB has to be transmitted first.
The user can also select (R1<2>) if single or double data pattern is used for wake-up. In case double pattern detection is set, the same pattern
has to be repeated 2 times.
Additionally it is possible to set the number of allowed missing zero bits (not symbols) in the received bitstream (R2<6:5>), as shown in the Table
19.
If the pattern is matched the wake-up interrupt is displayed on the WAKE output. In case the Manchester decoder is enabled (R1<3>) the data
coming out from the DAT pin are decoded and the clock is recovered on the pin DAT_CL.
The data coming out from the DAT pin are stable (and therefore can be acquired) on the rising edge of the CL_DAT clock, as shown in Figure 16.
0
1
1
1
0
15
2184
1092
0
1
1
1
1
16
2048
1024
1
0
0
0
0
17
1926
963
1
0
0
0
1
18
1820
910
1
0
0
1
0
19
1724
862
1
0
0
1
1
20
1638
819
1
0
1
0
0
21
1560
780
1
0
1
0
1
22
1488
744
1
0
1
1
0
23
1424
712
1
0
1
1
1
24
1364
682
1
1
0
0
0
25
1310
655
1
1
0
0
1
26
1260
630
1
1
0
1
0
27
1212
606
1
1
0
1
1
28
1170
585
1
1
1
0
0
29
1128
564
1
1
1
0
1
30
1092
546
1
1
1
1
0
31
1056
528
1
1
1
1
1
32
1024
512
Table 19. Allowed Pattern Detection Errors
R2<6>
R2<5>
Maximum allowed error in the pattern detection
0
0
No error allowed
0
1
1 missed zero
1
0
2 missed zeros
1
1
3 missed zeros
Table 18. Bit Rate Setup
R7<4>
R7<3>
R7<2>
R7<1>
R7<0>
Bit duration in RTC
clock periods
Bit rate (bits/s)
Symbol rate (Manchester
symbols/s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com