Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 15 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 15 Page - ams AG

Back Button AS5046 Datasheet HTML 11Page - ams AG AS5046 Datasheet HTML 12Page - ams AG AS5046 Datasheet HTML 13Page - ams AG AS5046 Datasheet HTML 14Page - ams AG AS5046 Datasheet HTML 15Page - ams AG AS5046 Datasheet HTML 16Page - ams AG AS5046 Datasheet HTML 17Page - ams AG AS5046 Datasheet HTML 18Page - ams AG AS5046 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 15 of 33
9.6
AGC and Magnitude Registers
The AS5046 allows the readout of two additional registers related to magnetic field strength: magnitude and AGC registers.
Figure 9 shows a graphic example of the interrelations of these two registers in respect to the magnetic field strength of the
magnet (all register levels are in decimal format).
at a low magnetic field strength (below level B1 / B2) the magnitude will be <32 and the AGC will be at maximum: 255. the
LIN status bit will be set (red range). It is not recommended to operate in this range, although the AS5046 will still produce
usable results at very weak magnetic fields.
if the magnetic field strength is further increased above a magnitude value of 32, LIN will be cleared. The AGC will remain at
255 until the magnitude has reached a value of 63 (yellow range; level B3/B4). The angular data can still be used in the
yellow range, but the noise (=jitter) will be larger than normal.
Once the magnitude is strong enough to reach a value of 63, the AGC will regulate the internal loop gain to maintain this
value. Magnitude will remain at 63 and the AGC will regulate between 0 and 255 (green range; magnetic field strength
between level B3/B4 and B5/B6). This is the recommended operating range
If the magnetic field strength rises further than B5/B4, the AGC can no longer regulate the loop and will be at its minimum
value of 0. The magnitude value will increase (yellow range; up to B7/B8). In this range, the angular data will still be valid.
Due to the rather strong field, there is no issue with noise, but the magnetic field may be more distorted than in the normal
operating range which may lead to additional errors.
Above level B7/B8 the LIN alarm will be set once the magnitude has exceeded a level of 95 (red range). It is not
recommended to operate in this range. The main contributing part for errors will be a more distorted magnetic field.
If the magnitude exceeds a value of 127, the COF (cordic overflow) alarm will be set. This case can only occur with very
strong magnets and does usually not occur in practice. The angular data will be invalid when the COF bit is set.
Figure 9: Magnitude and AGC values vs. magnetic field strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com