Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 17 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 17 Page - ams AG

Back Button AS5046 Datasheet HTML 13Page - ams AG AS5046 Datasheet HTML 14Page - ams AG AS5046 Datasheet HTML 15Page - ams AG AS5046 Datasheet HTML 16Page - ams AG AS5046 Datasheet HTML 17Page - ams AG AS5046 Datasheet HTML 18Page - ams AG AS5046 Datasheet HTML 19Page - ams AG AS5046 Datasheet HTML 20Page - ams AG AS5046 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 17 of 33
Switching the MODE pin affects the following parameters:
Parameter
Slow Mode
(Pin MODE = 0 or
open)
Fast Mode
(Pin MODE = 1)
sampling rate
2.61 kHz
(383µs)
10.42 kHz
(95.9µs)
transition noise
(1 sigma)
≤ 0.03° rms
≤ 0.06° rms
propagation
delay
384µs
96µs
Startup time
20ms
80ms
Table 8: Mode pin settings
Pin MODE should be fixed at power-up. A mode change during operation is not recommended.
Parallel Mode
The Parallel Mode allows connection of up to 8
AS5046’s in parallel on the SCL and SDA line,
maintaining just two wires for data transmission.
This mode is accomplished by connecting all the
SDA and SCL inputs/outputs in parallel. Each
AS5046 device can be programmed one address
ranging from 0…7 (see Table 2)
Figure 10: Parallel connection of up to 8 devices
Note that the parallel connection has some restrictions:
•
Each unit must be programmed to have a different address (ranging from 000 to 111; see Table 2)
•
Changing the address also changes the analog mode, as these OTP bits share the same position.(see Figure 13)
•
Only the SIU containing angle data and status bits can be read from parallel devices (type ID 0101). The other
registers all share the same type identifier (0001, 1011, 0111; see Table 2), which would lead to data collision
when trying to read any of these registers from parallel devices.
11 Ratiometric Analog Angle Output
The analog output Vout provides an analog voltage that is proportional to the angle of the rotating magnet and ratiometric to
the supply voltage VDD5V (max.5.5V). It can source or sink currents up to
±1mA in normal operation (up to 66mA short
circuit current).
The analog output block consists of a digital angular range selector, a 10-bit Digital-to-Analog converter and an OPAMP
buffer stage (see Figure 17).
The digital range selector allows a preselection of the angular range for 360°, 180°, 90° or 45° (see Table 9). Fine-tuning of
the angular range can be accomplished by adjusting the gain of the OPAMP buffer stage.
The reference voltage for the Digital-to-Analog converter (DAC) can be taken internally from VDD5V / 2. In this mode, the
output voltage is ratiometric to the supply voltage.
Alternatively, an external DAC reference can be applied at pin DACref (#9). In this mode, the analog output is ratiometric to
the external reference voltage.
µC
AS5046
1st Device
Addr. 000
CSn
SDA
SCL
SCL
SDA
AS5046
2nd Device
Addr. 001
CSn
SDA
SCL
AS5046
8th Device
Addr. 111
CSn
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com