Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 6 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 6 Page - ams AG

Back Button AS5046 Datasheet HTML 2Page - ams AG AS5046 Datasheet HTML 3Page - ams AG AS5046 Datasheet HTML 4Page - ams AG AS5046 Datasheet HTML 5Page - ams AG AS5046 Datasheet HTML 6Page - ams AG AS5046 Datasheet HTML 7Page - ams AG AS5046 Datasheet HTML 8Page - ams AG AS5046 Datasheet HTML 9Page - ams AG AS5046 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 6 of 33
5.4
Magnetic Input Specification
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation)
unless otherwise noted)
Two-pole cylindrical diametrically magnetised source:
Parameter
Symbol
Min
Typ
Max
Unit
Note
Diameter
dmag
4
6
mm
Thickness
tmag
2.5
mm
Recommended magnet: Ø 6mm x 2.5mm for cylindrical
magnets
Magnetic input field amplitude
Bpk
45
75
mT
Required vertical component of the magnetic field strength on
the die’s surface, measured along a concentric circle with a
radius of 1.1mm
Magnetic offset
Boff
± 10
mT
Constant magnetic stray field
Field non-linearity
5
%
Including offset gradient
fmag_abs
10
Hz
Absolute mode: 600 rpm @ readout of 1024 positions
(see table 6)
Input frequency
(rotational speed of magnet)
fmag_inc
166
Hz
Incremental mode: no missing pulses at rotational speeds of
up to 10,000 rpm (see table 6)
Displacement radius
Disp
0.25
mm
Max. offset between defined device center and magnet axis
-0.12
NdFeB (Neodymium Iron Boron)
Recommended magnet material
and temperature drift
-0.035
%/K
SmCo (Samarium Cobalt)
5.5
Electrical System Specifications
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation)
unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Resolution 1)
RES
12
bit
0.088 deg
Integral non-linearity (optimum) 1)
INLopt
± 0.5
deg
Maximum error with respect to the best line fit.
Verified at optimum magnet placement, Tamb =25 °C.
Integral non-linearity (optimum) 1)
INLtemp
± 0.9
deg
Maximum error with respect to the best line fit.
Verified at optimum magnet placement ,
Tamb = -40 to +125°C
Integral non-linearity 1)
INL
± 1.4
deg
Best line fit = (Errmax – Errmin) / 2
Over displacement tolerance with 6mm diameter magnet,
Tamb = -40 to +125°C
Differential non-linearity 1)
DNL
± 0.044
deg
12bit, no missing codes
0.06
1 sigma, fast mode (pin MODE = 1)
Transition noise 1)
TN
0.03
Deg
RMS
1 sigma, slow mode (pin MODE=0 or open)
Power-on reset thresholds
On voltage; 300mV typ. hysteresis
Off voltage; 300mV typ. hysteresis
Von
Voff
1.37
1.08
2.2
1.9
2.9
2.6
V
V
DC supply voltage 3.3V (VDD3V3)
DC supply voltage 3.3V (VDD3V3)
20
fast mode (pin MODE=1)
Power-up time,
Until offset compensation finished,
OCF = 1, Angular Data valid
tPwrUp
80
ms
slow mode (pin MODE=0 or open)
96
fast mode (pin MODE=1)
System
propagation
delay
absolute output : delay of ADC and
DSP
tdelay
384
µs
slow mode (pin MODE=0 or open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com