Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 25 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 25 Page - ams AG

Back Button AS5046 Datasheet HTML 21Page - ams AG AS5046 Datasheet HTML 22Page - ams AG AS5046 Datasheet HTML 23Page - ams AG AS5046 Datasheet HTML 24Page - ams AG AS5046 Datasheet HTML 25Page - ams AG AS5046 Datasheet HTML 26Page - ams AG AS5046 Datasheet HTML 27Page - ams AG AS5046 Datasheet HTML 28Page - ams AG AS5046 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 25 of 33
12.3 Repeated OTP Programming
Although a single AS5046 OTP register bit can be
programmed only once (from 0 to 1), it is possible to
program other, unprogrammed bits in subsequent
programming cycles. However, a bit that has already
been programmed should not be programmed twice.
Therefore it is recommended that bits that are already
programmed are set to “0” during a programming cycle.
12.4 Non-permanent Programming
It is also possible to re-configure the AS5046 in a non-
permanent way by overwriting the OTP register.
This procedure is essentially a “Write Data” sequence
(see Figure 13) without a subsequent OTP programming
cycle.
The “Write Data” sequence may be applied at any time
during normal operation. This configuration remains set
while the power supply voltage is above the power-on
reset level (see 5.5).
See Application Note AN5000-20 for further information.
12.5 Digital-to-Analog Converter (DAC)
The DAC has a resolution of 10bit (1024 steps) and can
be configured for the following options
Internal or external reference
The default DAC reference is the voltage at pin #16
(VDD5V) divided by 2 (see Figure 17). Using this
reference, a system that has an output voltage
ratiometric to the supply voltage can be built.
Optionally, an external reference source, applied at pin#9
(DACref) can be used. This programming option is useful
for applications requiring a precise output voltage that is
independent of supply fluctuations, for current sink
outputs or for applications with a dynamic reference, e.g.
attenuation of audio signals.
0-100% or 10-90% full scale range
The reference voltage for the DAC is buffered internally.
The recommended range for the external reference
voltage is 0.2V to (VDD3V3 -0.2)V.
The DAC output voltage will be switched to 0V, when the
magnetic field is out of range, when the MagInc and
MagDec indicators are both =1 and the MagRngn-pin (#1)
will go low.
The default full scale output voltage range is 0-
100%*VDD5V. Due to limitations in the output stage of
an OP-Amp buffer, it cannot drive the output voltage from
0-100% rail-to-rail. Without load, the minimum output
voltage at 0° will be a few millivolts higher than 0V and
the maximum output voltage will be slightly lower than
VDD5V. With increasing load, the voltage drops will
increase accordingly.
As a programming option, an output range of 10-
90%*VDD5V can be selected. In this mode, there is no
saturation at the upper and lower output voltage limits
like in the 0-100% mode and it allows failure detection as
the output voltage will be outside the 10-90% limits,
when the magnetic field is in the “red” range (Vout=0V,
see Table 7) or when the supply to the chip is interrupted
(Vout=0V or VDD5V).
The unbuffered output of the DAC is accessible at pin
#10 (DACout). This output must not be loaded.
12.6 OP-AMP Stage
The DAC output is buffered by a non-inverting Op-Amp
stage. The amplifier is supplied by VDD5V (pin #16) and
can hence provide output voltages up to 5V.
By allowing access to the inverting input of the Op-Amp
and with the addition of a few discrete components it can
be configured in many ways, like high current buffer,
current sink output, adjustable angle range, etc...
Per default, the gain of the Op-Amp must be set by two
external resistors (see Figure 17). Optionally, the fixed
internal gain setting (2x) may be programmed by OTP,
eliminating the need for external resistors.
12.6.1 Output Noise
The Noise level at the analog output depends on two
states of the digital angular output:
a)
the digital angular output value is stable
In this case, the output noise is the figure given
as Vnoise in paragraph 0. Note that the noise
level is given for the default gain of 2x For
other gains, it must be scaled accordingly.
b)
the digital output is at the edge of a step
In this case, the digital output may jitter
between two adjacent values. The rate of jitter
is specified as transition noise (parameter TN
in paragraph 5.5). The resulting output noise is
calculated by:
OPAMP
noise
Vout
noise
V
V
VDD
TN
V
,
,
360
5
+
∗
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com