Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 20 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 20 Page - ams AG

Back Button AS5046 Datasheet HTML 16Page - ams AG AS5046 Datasheet HTML 17Page - ams AG AS5046 Datasheet HTML 18Page - ams AG AS5046 Datasheet HTML 19Page - ams AG AS5046 Datasheet HTML 20Page - ams AG AS5046 Datasheet HTML 21Page - ams AG AS5046 Datasheet HTML 22Page - ams AG AS5046 Datasheet HTML 23Page - ams AG AS5046 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 20 of 33
12 Programming the AS5046
After power-on, programming the AS5046 is enabled with
the rising edge of CSn and Prog = logic high. 16 bit
configuration data must be serially shifted into the OTP
register via the Prog-pin. The first “CCW” bit is followed
by the zero position data (MSB first) and the Analog
Output Mode setting as shown in Table 9. Data must be
valid at the rising edge of CLK (see Figure 13). Following
this sequence, the voltage at pin Prog must be raised to
the programming voltage VPROG (see Figure 14). 16 CLK
pulses (tPROG) must be applied to program the fuses. To
exit the programming mode, the chip must be reset by a
power-on-reset. The programmed data is available after
the next power-up.
Note: During the programming process, the transitions in
the programming current may cause high voltage spikes
generated by the inductance of the connection cable. To
avoid these spikes and possible damage to the IC, the
connection wires, especially the signals PROG and VSS
must be kept as short as possible. The maximum wire
length between the VPROG switching transistor and pin
PROG (Figure 15) should not exceed 50mm (2 inches).
To suppress eventual voltage spikes, a 10nF ceramic
capacitor should be connected close to pins PROG and
VSS. This capacitor is only required for programming, it
is not required for normal operation. The clock timing tclk
must be selected at a proper rate to ensure that the
signal PROG is stable at the rising edge of CLK (see
Figure 13). Additionally, the programming supply voltage
should be buffered with a 10µF capacitor mounted close
to the switching transistor. This capacitor aids in
providing peak currents during programming. The
specified programming voltage at pin PROG is 7.3 – 7.5V
(see section 5.7). To compensate for the voltage drop
across the VPROG switching transistor, the applied
programming voltage may be set slightly higher (7.5 -
8.0V, see Figure 15).
OTP Register Contents:
CCW
Counter Clockwise Bit
ccw=0 – angular value increases with clockwise rotation
ccw=1 – angular value increases with counterclockwise rotation
Z [9:0]: Programmable Zero / Index Position
FB_intEN: OPAMP gain setting: 0=external, 1=internal;
this bit also sets device address bit A2 !
RefExtEN: DAC reference: 0=internal, 1=external;
this bit also sets device address bit A1 !
ClampMd EN:
Analog output span: 0=0-100%,
1=10-90%*VDD;
this bit also sets device address bit A0
Output Range (OR0, OR1):
Analog Output Range Selection
[1:0]
00 = 360°
01 = 180°
10 = 90°
11 = 45°
Disable shutdown of analog output :
see 11.1.2
Figure 13: Programming Access – OTP Write Cycle (section of Figure 14)
CCW
Z9
Z8
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
FB_int
EN
A2
RefExt
EN
A1
Clamp
Md En
A0
Output
Range1
Analog Modes
Zero Position
tDatain valid
tProg enable
CSn
Prog
Output
Range0
1
16
8
SCL
tDatain
tclk
see text



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com