Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 16 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 16 Page - ams AG

Back Button AS5046 Datasheet HTML 12Page - ams AG AS5046 Datasheet HTML 13Page - ams AG AS5046 Datasheet HTML 14Page - ams AG AS5046 Datasheet HTML 15Page - ams AG AS5046 Datasheet HTML 16Page - ams AG AS5046 Datasheet HTML 17Page - ams AG AS5046 Datasheet HTML 18Page - ams AG AS5046 Datasheet HTML 19Page - ams AG AS5046 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 16 of 33
9.7
Z-Axis Range Indication (Push Button Feature, Red/Yellow/Green Indicator
The AS5046 provides several options of detecting movement and distance of the magnet in the vertical (Z-) direction. Signal
indicators MagINC, MagDEC and LIN are available as status bits in the serial data stream, while MagRngn is an open-drain
output that indicates an out-of range status (on in YELLOW or RED range). Additionally, the analog output provides a safety
feature in the form that it will be turned off when the magnetic field is too strong or too weak (RED range).
The serial data is always available, the red/yellow/green status is indicated by the status bits as shown below:
Status Bits
Hardware Pins
Mag
INC
Mag
DEC
LIN
Mag
Rngn
Analog
output
Description
0
0
0
Off
enabled
No distance change
Magnetic Input Field OK (GREEN range, ~45…75mT)
0
1
0
Off
enabled
Distance increase, GREEN range; Pull-function. This state is dynamic and only active while the magnet is
moving away from the chip.
1
0
0
Off
enabled
Distance decrease, GREEN range; Push- function. This state is dynamic and only active while the magnet is
moving towards the chip.
1
1
0
On
enabled
YELLOW Range: Magnetic field is ~ 25…45mT or ~75…135mT. The AS5046 may still be operated in this
range, but with slightly reduced accuracy.
1
1
1
On
disabled
RED Range: Magnetic field is ~<25mT or >~135mT. The analog output will be turned off in this range by
default. It can be enabled permanently by OTP programming (see 11.1.2).
It is still possible to use the absolute serial interface in the red range, but not recommended.
Table 7: Magnetic field strength indicators
10 Mode Input Pin
The absolute angular position is sampled at a rate of 10.4kHz (t=96µs) in fast mode and at a rate of 2.6kHz (t=384µs) in
slow mode.
These modes are selected by pin MODE (#2). The mode input pin activates or deactivates an internal filter, which is used to
reduce the digital jitter and consequently the analog output noise.
Activating the filter by pulling Mode = LOW or leaving it open reduces the transition noise to <0.03° rms. At the same time,
the sampling rate is reduced to 2.6kHz and the signal propagation delay is increased to 384µs. This mode is recommended
for high precision, low speed and ≤360° applications.
Deactivating the filter by setting Mode = HIGH increases the sampling rate to 10.4kHz and reduces the signal propagation
delay to 96µs. The transition noise will increase to <0.06° rms. This mode is recommended for higher speed and full scale =
360° applications.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Input Field tolerance level red2yellow B1 - B2
Br2y25
16.77
17.95
19.33
mT
Input Field tolerance level yellow2green B3 - B4
By2g25
33.01
35.35
38.06
mT
Input Field tolerance level green2yellow B5 - B6
Bg2y25
60.0
64.24
69.15
mT
Input Field tolerance level yellow2red B7 – B8
By2r25
90.45
96.87
104.28
mT
At 25°C ambient
temperature
Input Field tolerance level red2yellow B1 - B2
Br2y
15.64
17.95
22.37
mT
Input Field tolerance level yellow2green B3 - B4
By2g
30.80
35.35
44.05
mT
Input Field tolerance level green2yellow B5 - B6
Bg2y
55.96
64.24
80.04
mT
Input Field tolerance level yellow2red B7 – B8
By2r
84.39
96.87
120.69
mT
Over the full
specified
temperature range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com