Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 27 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 27 Page - ams AG

Back Button AS5046 Datasheet HTML 23Page - ams AG AS5046 Datasheet HTML 24Page - ams AG AS5046 Datasheet HTML 25Page - ams AG AS5046 Datasheet HTML 26Page - ams AG AS5046 Datasheet HTML 27Page - ams AG AS5046 Datasheet HTML 28Page - ams AG AS5046 Datasheet HTML 29Page - ams AG AS5046 Datasheet HTML 30Page - ams AG AS5046 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 27 of 33
14 Alignment Mode
The alignment mode simplifies centering the magnet over
the chip to gain maximum accuracy and XY-alignment
tolerance.
This electrical centering method allows a wider XY-
alignment tolerance (0.485mm radius) than mechanical
centering (0.25mm radius) as it eliminates the placement
tolerance of the die within the IC package (+/- 0.235mm).
Alignment mode can be enabled with the falling edge of
CSn while PROG = logic high (Figure 19). The Data bits
D11-D0 of the serial interface change to a 12-bit
displacement amplitude output. A high value indicates
large X or Y displacement, but also higher absolute
magnetic field strength. The magnet is properly aligned,
when the difference between highest and lowest value
over one full turn is at a minimum.
Under normal conditions, a properly aligned magnet will
result in a reading of less than 128 over a full turn.
Stronger magnets or short gaps between magnet and IC
may show values larger than 128. These magnets are
still properly aligned as long as the difference between
highest and lowest value over one full turn is at a
minimum.
The MagInc and MagDec indicators will be = 1 when the
alignment mode reading is < 128. At the same time,
hardware pin MagRngn (#1) will be pulled to VSS.
The Alignment mode can be reset to normal operation
mode by a power-on-reset (cycle power supply) or by a
falling edge of CSn with PROG=low (see Figure 20).
Figure 19: Enabling the alignment mode
Figure 20: Exiting alignment mode
15 Choosing the Proper Magnet
Typically the magnet should be 6mm in diameter and ≥2.5mm in
height. Magnetic materials such as rare earth AlNiCo, SmCo5 or
NdFeB are recommended.
The magnet’s field strength perpendicular to the die
surface should be verified using a gauss-meter. The
magnetic field Bv at a given distance, along a concentric
circle with a radius of 1.1mm (R1), should be in the range
of ±45mT…±75mT. (see Figure 21).
Magnet axis
Vertical field
component
(45…75mT)
0
360
360
Bv
Vertical field
component
R1 concentric circle;
radius 1.1mm
R1
Magnet axis
typ. 6mm diameter
S
N
Figure 21: Typical magnet and magnetic field distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com