Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 24 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 24 Page - ams AG

Back Button AS5046 Datasheet HTML 20Page - ams AG AS5046 Datasheet HTML 21Page - ams AG AS5046 Datasheet HTML 22Page - ams AG AS5046 Datasheet HTML 23Page - ams AG AS5046 Datasheet HTML 24Page - ams AG AS5046 Datasheet HTML 25Page - ams AG AS5046 Datasheet HTML 26Page - ams AG AS5046 Datasheet HTML 27Page - ams AG AS5046 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 24 of 33
Output
Range1
Output
Range0
Mode
Note
0
0
0
0°
10 24
90 °
18 0°
2 7 0 °
360 °
0
angle 1)
360° angula r range (default)
1023
2 0 48
30 72
4 096 = 0
analog
ou tput
default mode,
analog resolution= 10bit
(1024 steps) over 360°
analog step size:
1LSB = 0.35° (10bit)
0
1
0
0°
90 °
18 0°
2 7 0 °
360 °
0
angle
180° angula r range
1023
10 24
204 8
30 72
4 096 = 0
analog
output
analog resolution= 10bit
(1024 steps) over 180°
Analog step size:
1LSB = 0.175° (11bit)
1
0
0
0°
90 °
18 0°
2 7 0 °
360 °
0
a ngle
90° angular ra nge
1023
10 24
204 8
30 72
4 096 = 0
analog
output
analog resolution= 10bit
(1024 steps) over 90°
Analog step size:
1LSB = 0.088° (12bit)
1
1
0
0°
90 °
18 0°
2 2 5 °
360 °
0
angle
45° angular ra nge
511
10 24
204 8
25 60
4 096 = 0
512
45 °
analog
output
analog resolution=
9 bit (512 steps) over 45°
Analog step size:
1LSB = 0.088° (12bit)
Note: 1) The resolution on the digital serial interface is always 12bit (0.088°/step) over 360°, independent of analog mode
Table 9: Digital Range Selector programming option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com