Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 238 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 238 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 234Page - Texas Instruments AM1808AZCE4 Datasheet HTML 235Page - Texas Instruments AM1808AZCE4 Datasheet HTML 236Page - Texas Instruments AM1808AZCE4 Datasheet HTML 237Page - Texas Instruments AM1808AZCE4 Datasheet HTML 238Page - Texas Instruments AM1808AZCE4 Datasheet HTML 239Page - Texas Instruments AM1808AZCE4 Datasheet HTML 240Page - Texas Instruments AM1808AZCE4 Datasheet HTML 241Page - Texas Instruments AM1808AZCE4 Datasheet HTML 242Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 264 page
background image
PWM(A)
TZ
tw(TZ)
td(TZ-PWM)HZ
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
6.29.2 Trip-Zone Input Timing
A.
PWM refers to all the PWM pins in the device. The state of the PWM pins after TZ is taken high depends on the PWM
recovery software.
Figure 6-79. PWM Hi-Z Characteristics
Table 6-128. Trip-Zone input Timing Requirements
PARAMETER
TEST CONDITIONS
1.3V, 1.2V, 1.1V, 1.0V
MIN
MAX
UNIT
tw(TZ)
Pulse duration, TZx input low
Asynchronous
1tc(SCO)
cycles
Synchronous
2tc(SCO)
cycles
Table 6-129 shows the high-resolution PWM switching characteristics.
Table 6-129. High Resolution PWM Characteristics at SYSCLKOUT = (60 - 100 MHz)
PARAMETER
1.3V, 1.2V
1.1V
1.0V
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNIT
Micro Edge Positioning (MEP) step size(1)
200
TBD
TBD
ps
(1)
MEP step size will increase with low voltage and high temperature and decrease with high voltage and cold temperature. Applications
that use the HRPWM feature should use MEP Scale Factor Optimizer (SFO) estimation software functions. See the TI software libraries
for details of using SFO function in end applications. SFO functions help to estimate the number of MEP steps per SYSCLKOUT period
dynamically while the HRPWM is in operation.
238
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com