Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCE4 Datasheet(PDF) 240 Page - Texas Instruments

Part # AM1808AZCE4
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCE4 Datasheet(HTML) 240 Page - Texas Instruments

Back Button AM1808AZCE4 Datasheet HTML 236Page - Texas Instruments AM1808AZCE4 Datasheet HTML 237Page - Texas Instruments AM1808AZCE4 Datasheet HTML 238Page - Texas Instruments AM1808AZCE4 Datasheet HTML 239Page - Texas Instruments AM1808AZCE4 Datasheet HTML 240Page - Texas Instruments AM1808AZCE4 Datasheet HTML 241Page - Texas Instruments AM1808AZCE4 Datasheet HTML 242Page - Texas Instruments AM1808AZCE4 Datasheet HTML 243Page - Texas Instruments AM1808AZCE4 Datasheet HTML 244Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 264 page
background image
1
2
4
4
3
TM64P0_IN12
TM64P0_OUT12
5
6
AM1808
SPRS653 – FEBRUARY 2010
www.ti.com
6.30.1
Timer Electrical Data/Timing
Table 6-131. Timing Requirements for Timer Input(1) (2) (see Figure 6-80)
1.3V, 1.2V, 1.1V,
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(TM64Px_IN12) Cycle time, TM64Px_IN12
4P
ns
2
tw(TINPH)
Pulse duration, TM64Px_IN12 high
0.45C
0.55C
ns
3
tw(TINPL)
Pulse duration, TM64Px_IN12 low
0.45C
0.55C
ns
4
tt(TM64Px_IN12)
Transition time, TM64Px_IN12
0.05C
ns
(1)
P = OSCIN cycle time in ns. For example, when OSCIN frequency is 27 MHz, use P = 37.037 ns.
(2)
C = TM64P0_IN12 cycle time in ns. For example, when TM64Px_IN12 frequency is 27 MHz, use C = 37.037 ns
Figure 6-80. Timer Timing
Table 6-132. Switching Characteristics Over Recommended Operating Conditions for Timer Output (1)
1.3V, 1.2V, 1.1V,
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
5
tw(TOUTH)
Pulse duration, TM64P0_OUT12 high
4P
ns
6
tw(TOUTL)
Pulse duration, TM64P0_OUT12 low
4P
ns
(1)
P = OSCIN cycle time in ns. For example, when OSCIN frequency is 27 MHz, use P = 37.037 ns.
Figure 6-81. Timer Timing
240
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com