Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220B Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS9220B
Description  Programmable RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220B Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS9220B Datasheet HTML 1Page - Integrated Device Technology ICS9220B Datasheet HTML 2Page - Integrated Device Technology ICS9220B Datasheet HTML 3Page - Integrated Device Technology ICS9220B Datasheet HTML 4Page - Integrated Device Technology ICS9220B Datasheet HTML 5Page - Integrated Device Technology ICS9220B Datasheet HTML 6Page - Integrated Device Technology ICS9220B Datasheet HTML 7Page - Integrated Device Technology ICS9220B Datasheet HTML 8Page - Integrated Device Technology ICS9220B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1427A—01/26/10
ICS9220B
Programmable Rambus
TM XDRTMClock Generator
2
IDTTM
Programmable RambusTM XDRTMClock Generator
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
AVDD2.5
PWR
2.5V Analog Power pin for Core PLL
2AGND
PWR
Analog Ground pin for Core PLL
3IREFY
IN
This pin establishes the reference current for the differential
clock pairs. This pin requires a fixed precision resistor tied to
ground in order to establish the appropriate current.
4AGND
PWR
Analog Ground pin for Core PLL
5
CLK_INT
IN
"True" reference clock input.
6
CLK_INC
IN
"Complementary" reference clock input.
7
VDD2.5
PWR
Power supply, nominal 2.5V
8
GND
PWR
Ground pin.
9
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
10
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
11
OE
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
12
AS1
IN
Default SMBus Address Select.
13
AS2
IN
Default SMBus Address Select.
14
BYPASS#/PLL
IN
Input to select Bypass(fan-out) or PLL (ZDB) mode
0 = Bypass mode, 1= PLL mode
15
VDD2.5
PWR
Power supply, nominal 2.5V
16
GND
PWR
Ground pin.
17
GND
PWR
Ground pin.
18
ODCLK_C1
OUT
"Complementary" side of open drain differential clock output.
This open drain output needs an external resistor network..
19
ODCLK_T1
OUT
"True" side of open drain differential clock output. This open
drain output needs an external resistor network..
20
GND
PWR
Ground pin.
21
VDD2.5
PWR
Power supply, nominal 2.5V
22
VDD2.5
PWR
Power supply, nominal 2.5V
23
GND
PWR
Ground pin.
24
ODCLK_C0
OUT
"Complementary" side of open drain differential clock output.
This open drain output needs an external resistor network..
25
ODCLK_T0
OUT
"True" side of open drain differential clock output. This open
drain output needs an external resistor network..
26
GND
PWR
Ground pin.
27
GND
PWR
Ground pin.
28
VDD2.5
PWR
Power supply, nominal 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com