Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220B Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9220B
Description  Programmable RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220B Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9220B Datasheet HTML 1Page - Integrated Device Technology ICS9220B Datasheet HTML 2Page - Integrated Device Technology ICS9220B Datasheet HTML 3Page - Integrated Device Technology ICS9220B Datasheet HTML 4Page - Integrated Device Technology ICS9220B Datasheet HTML 5Page - Integrated Device Technology ICS9220B Datasheet HTML 6Page - Integrated Device Technology ICS9220B Datasheet HTML 7Page - Integrated Device Technology ICS9220B Datasheet HTML 8Page - Integrated Device Technology ICS9220B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ICS9220B
IDTTM
Programmable RambusTM XDRTMClock Generator
Programmable Rambus
TM
XDR
TM
Clock Generator
DATASHEET
1
1427A—01/26/10
General Description
Features
The ICS9220 clock generator provides Programmable clock
signals to support the Rambus XDR
TMmemory subsystem
and Redwood logic interface. The ICS9220 has been
optimized for 100MHz reference input that may or may not be
modulated for spread spectrum. The ICS9220 provides 2
differential clock pairs in a space saving 28-pin TSSOP
package and provides an off-the-shelf high-performance
interface solution.
Figure 1 shows the major components of the ICS9220 XDR
Clock Generator.
These include the a PLL, a Bypass
Multiplexer and two differential output buffers. The outputs
can be disabled by a logic low on the OE pin. An output is
enabled by the combination of the OE pin being high, and 1
in its SMBus Output control register bit.
The PLL receives a reference clock, CLK_INT/C and outputs
a clock signal at a frequency equal to the input frequency
times a multiplier. Table 2 shows the multipliers selectable
via the SMBus interface. This clock signal is then fed to the
differential output buffers to drive the enabled clocks. Disabled
outputs are set to Hi-Z. The Bypass mode routes the input
clock, CLK_INT/C, directly to the differential output buffers,
bypassing the PLL.
Up to four ICS9220 devices can be cascaded on the same
SMBus.Table 3 shows the SMBus addressing and control for
the four devices.
Block Diagram
•
300 - 700 MHz clock source
•
2 open-drain differential output drives with short
term jitter < 40ps
•
Spread spectrum compatible
•
Reference clock is differential or single-ended
100MHz
•
SMBus programmability for:
- frequency multiplier
- output enable
- operating mode
•
Support systems where XDR subsystem is
asynchronous to other system clocks
•
2.5V power supply
PLL
Bypass
MUX
RegA
RegB
CLK_INT
CLK_INC
SMBCLK
OE
OE
OE
BYPASS#/PLL
SMBDAT
AS1
AS2
ODCLK_C1
ODCLK_T1
ODCLK_C0
ODCLK_T0
Pin Configuration
AVDD2.5
1
28 VDD2.5
AGND
2
27 GND
IREFY
3
26 GND
AGND
4
25 ODCLK_T0
CLK_INT
5
24 ODCLK_C0
CLK_INC
6
23 GND
VDD2.5
7
22 VDD2.5
GND
8
21 VDD2.5
SMBCLK
9
20 GND
SMBDAT 10
19 ODCLK_T1
OE 11
18 ODCLK_C1
AS1 12
17 GND
AS2 13
16 GND
BYPASS#/PLL 14
15 VDD2.5
28-Pin 4.4mm TSSOP


Similar Part No. - ICS9220B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9220 IDT-ICS9220 Datasheet
216Kb / 17P
Programmable RambusTM XDRTM Clock Generator
More results

Similar Description - ICS9220B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
Integrated Circuit Solu...
ICS9214 ICSI-ICS9214_07 Datasheet
235Kb / 16P
RambusTM XDRTM Clock Generator
logo
Integrated Device Techn...
ICS9220 IDT-ICS9220 Datasheet
216Kb / 17P
Programmable RambusTM XDRTM Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com