Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220B Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS9220B
Description  Programmable RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220B Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS9220B Datasheet HTML 6Page - Integrated Device Technology ICS9220B Datasheet HTML 7Page - Integrated Device Technology ICS9220B Datasheet HTML 8Page - Integrated Device Technology ICS9220B Datasheet HTML 9Page - Integrated Device Technology ICS9220B Datasheet HTML 10Page - Integrated Device Technology ICS9220B Datasheet HTML 11Page - Integrated Device Technology ICS9220B Datasheet HTML 12Page - Integrated Device Technology ICS9220B Datasheet HTML 13Page - Integrated Device Technology ICS9220B Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1427A—01/26/10
ICS9220B
Programmable Rambus
TM XDRTMClock Generator
10
IDTTM
Programmable RambusTM XDRTMClock Generator
DC Characteristics - Inputs
TA = -40°C to +85°C; Supply Voltage AVDD2.5, VDD2.5 = 2.5 V +/- 5% (unless otherwise stated)
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD2.5,
AVDD
2.375
2.625
V
VIHCLK
0.6
0.95
V
VILCLK
-0.15
0.15
V
VIXCLK
0.2
0.55
V
VIXCLK
0.15
V
VTH
0.35
0.5VDD2.5
V
VIHSE
VTH +
0.3
2.625
V
VILSE
-0.15
VTH -
0.3
V
VIH
1.4
2.625
V
VIL
-0.15
0.8
V
VIHSMB
1.4
3.465
2
V
VILSMB
-0.15
0.8
V
Notes:
1
2
When using singled-ended clock input, VTH is supplied to CLK_INTC as shown in Figure 2. Duty cycle of
singled-ended CLK_IN is measured at VTH.
This range of SMBus input high voltages allows the 9220 to co-exist with 3.3V, 2.5V and 1.8V devices on
the same SMBus.
PARAMETER
Supply Voltage
High-level input voltage
Low-level input voltage
Crossing point voltage
Difference in crossing point voltage
Input threshold voltage
High-level input voltage for single-ended
CLK_IN
Low-level input voltage - SMBus
CLK_INT, CLK_INC
Singled-ended CLK_IN
1
OE, AS1, AS2, BYPASS#/PLL
SMBCLK, SMBDAT
Low-level input voltage for single-ended
CLK_IN
High-level input voltage
Low-level input voltage
High-level input voltage - SMBus
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
f = 400 to 635 MHz
-40
ps
f = 635 to 800 MHz
-30
ps
Tjcyc-cyc
100
ps
DC
45
55
%
tR, tF
20% to 80% of output voltage
140
300
ps
tR-F
20% to 80% of output voltage
-
100
ps
ZOUT
2
VOL = 0.9 V
1000
-
Ω
Notes:
1
2
AC Characteristics-Outputs
PARAMETER
1
Cycle-to-cycle Jitter
Duty cycle
Short term jitter (over 1 to 6 clock cycles)
Guaranteed by design and characterization, not 100% tested in production
Zout is defined at the output pins.
Dynamic output impedance
TA = -40°C to +85°C; Supply Voltage AVDD2.5, VDD2.5 = 2.5 V +/- 5% (unless otherwise stated)
Output rise and fall times
Difference between output rise and fall
time on same pin of a single device
tJ
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com