Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220B Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9220B
Description  Programmable RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220B Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9220B Datasheet HTML 1Page - Integrated Device Technology ICS9220B Datasheet HTML 2Page - Integrated Device Technology ICS9220B Datasheet HTML 3Page - Integrated Device Technology ICS9220B Datasheet HTML 4Page - Integrated Device Technology ICS9220B Datasheet HTML 5Page - Integrated Device Technology ICS9220B Datasheet HTML 6Page - Integrated Device Technology ICS9220B Datasheet HTML 7Page - Integrated Device Technology ICS9220B Datasheet HTML 8Page - Integrated Device Technology ICS9220B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1427A—01/26/10
ICS9220B
Programmable Rambus
TM XDRTMClock Generator
3
IDTTM
Programmable RambusTM XDRTMClock Generator
General SMBus serial interface information for the ICS9220B
How to Write:
• Controller (host) sends a start bit.
• Controller (host) sends the write address per table 3
• ICS clock will
acknowledge
• Controller (host) sends the begining byte location = N
• ICS clock will
acknowledge
• Controller (host) sends the data byte count = X
• ICS clock will
acknowledge
• Controller (host) starts sending
Byte N through
Byte N + X -1
• ICS clock will
acknowledge each byte one at a time
• Controller (host) sends a Stop bit
How to Read:
• Controller (host) will send start bit.
• Controller (host) sends the write address per table 3
• ICS clock will
acknowledge
• Controller (host) sends the begining byte
location = N
• ICS clock will
acknowledge
• Controller (host) will send a separate start bit.
• Controller (host) sends the read address per table 3
• ICS clock will
acknowledge
• ICS clock will send the data byte count = X
• ICS clock sends
Byte N + X -1
• ICS clock sends
Byte 0 through byte X
• Controller (host) will need to acknowledge each byte
• Controllor (host) will send a not acknowledge bit
• Controller (host) will send a stop bit
ICS (Sla ve /Re ce ive r)
T
WR
ACK
ACK
ACK
ACK
ACK
P
Byte N + X - 1
Data Byte Count = X
Beginning Byte N
stoP bit
Index Block Write Operation
Slave Address table 3
Beginning Byte = N
WRite
starT bit
Controlle r (Host)
T
starT bit
WR
WRite
RT
Repeat starT
RD
ReaD
Beginning Byte N
Byte N + X - 1
N
Not acknowledge
PstoP bit
Slave Address table 3
Index Block Read Operation
Slave Address table 3
Beginning Byte = N
ACK
ACK
Data Byte Count = X
ACK
ICS (Sla ve /Re ce ive r)
Controlle r (Host)
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com