Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220B Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS9220B
Description  Programmable RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220B Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS9220B Datasheet HTML 5Page - Integrated Device Technology ICS9220B Datasheet HTML 6Page - Integrated Device Technology ICS9220B Datasheet HTML 7Page - Integrated Device Technology ICS9220B Datasheet HTML 8Page - Integrated Device Technology ICS9220B Datasheet HTML 9Page - Integrated Device Technology ICS9220B Datasheet HTML 10Page - Integrated Device Technology ICS9220B Datasheet HTML 11Page - Integrated Device Technology ICS9220B Datasheet HTML 12Page - Integrated Device Technology ICS9220B Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1427A—01/26/10
ICS9220B
Programmable Rambus
TM XDRTMClock Generator
9
IDTTM
Programmable RambusTM XDRTMClock Generator
Absolute Maximum Ratings
Supply Voltage
4.0 V
Logic Inputs
GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature
-40°C to +85°C
Storage Temperature
–65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
DC Characteristics - Outputs
TA = -40°C to +85°C; Supply Voltage AVDD2.5, VDD2.5 = 2.5 V +/- 5% (unless otherwise stated)
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tPU
Power within spec to outputs
within spec
3ms
tCO
SMBus or Mode Select
transition to outputs valid and
within spec
3ms
VOX
Measured as shown in Fig. 3
0.9
1.1
V
VCOS
Measured as shown in Fig. 3.
Excludes over and undershoot.
300
350
mV
VOL, ABS
Measured at ODCLK_T/C pins
0.85
V
VISET
VDD = 2.3V, VOUT = 1V
0.98
1.02
V
IOL/IREF
IREF is equal to VISET/RRC.
Tolerance of RRC <=+/-1%.
6.8
7
7.2
-
IOL, ABS
Measured at ODCLK_T/C pins
with termination per Figure 3.
45
-
mA
VOLSMB
IOL = 4 mA
-0.4
V
IOLSMB
VOL= 0.8 V
6-
mA
IOZ
Differential clock output pins
-
50
µΑ
Notes:
1 There is no output latency or glitches if a value written to an output register is the same as its current contents.
Minimum current at VOLABS
Output Voltage Swing (peak-to-peak
singled ended)
Absolute output low voltage
Reference Voltage for swing control
current
Ratio of output low current to reference
current at typical VDD2.5
Low-level output voltage SMBus
Low-level output current SMBus
Tristate output current
PARAMETER
Power up latency
State transition latency
1
Differential output crossing voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com