Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220B Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS9220B
Description  Programmable RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220B Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS9220B Datasheet HTML 1Page - Integrated Device Technology ICS9220B Datasheet HTML 2Page - Integrated Device Technology ICS9220B Datasheet HTML 3Page - Integrated Device Technology ICS9220B Datasheet HTML 4Page - Integrated Device Technology ICS9220B Datasheet HTML 5Page - Integrated Device Technology ICS9220B Datasheet HTML 6Page - Integrated Device Technology ICS9220B Datasheet HTML 7Page - Integrated Device Technology ICS9220B Datasheet HTML 8Page - Integrated Device Technology ICS9220B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1427A—01/26/10
ICS9220B
Programmable Rambus
TM XDRTMClock Generator
4
IDTTM
Programmable RambusTM XDRTMClock Generator
I
2C Table: Output Enable Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
Test Mode
Reserved For Vendor
RW
Disable
Enable
0
Bit 6
Reserved
Reserved
RW
-
-
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
Reserved
Reserved
RW
-
-
0
Bit 2
Reserved
Reserved
RW
-
-
0
Bit 1
ODCLK_T/C1
Output Control
RW
Disable
Enable
1
Bit 0
ODCLK_T/C0
Output Control
RW
Disable
Enable
1
I
2C Table: Frequency Multiplier Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
Reserved
Reserved
R
-
-
0
Bit 6
AS1
SMBus Address Select
R
x
Bit 5
AS2
SMBus Address Select
R
x
Bit 4
Reserved
Reserved
R
-
-
0
Bit 3
Reserved
Reserved
R
-
-
0
Bit 2
Reserved
Reserved
R
-
-
0
Bit 1
Reserved
Reserved
R
-
-
0
Bit 0
Reserved
Reserved
R
-
-
0
I
2C Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
RID 3
R
-
-
0
Bit 6
RID 2
R
-
-
0
Bit 5
RID 1
R
-
-
0
Bit 4
RID 0
R
-
-
0
Bit 3
VID 3
R
-
-
0
Bit 2
VID 2
R
-
-
0
Bit 1
VID 1
R
-
-
0
Bit 0
VID 0
R
-
-
1
I
2C Table: Frequency Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
Reserved
Reserved
RW
-
-
0
Bit 6
Reserved
Reserved
RW
-
-
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
Reserved
Reserved
RW
-
-
0
Bit 2
Reserved
Reserved
RW
-
-
0
Bit 1
Reserved
Reserved
RW
-
-
0
Bit 0
Reserved
Reserved
RW
-
-
0
Revision ID
Vendor ID
-
-
-
-
-
-
-
-
-
-
-
Byte 3
-
-
-
-
-
-
Byte 2
-
-
-
-
-
-
Byte 1
-
-
-
-
-
-
Byte 0
-
-
-
See Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com