Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220B Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS9220B
Description  Programmable RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220B Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS9220B Datasheet HTML 8Page - Integrated Device Technology ICS9220B Datasheet HTML 9Page - Integrated Device Technology ICS9220B Datasheet HTML 10Page - Integrated Device Technology ICS9220B Datasheet HTML 11Page - Integrated Device Technology ICS9220B Datasheet HTML 12Page - Integrated Device Technology ICS9220B Datasheet HTML 13Page - Integrated Device Technology ICS9220B Datasheet HTML 14Page - Integrated Device Technology ICS9220B Datasheet HTML 15Page - Integrated Device Technology ICS9220B Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1427A—01/26/10
ICS9220B
Programmable Rambus
TM XDRTMClock Generator
12
IDTTM
Programmable RambusTM XDRTMClock Generator
VTH
Input
Clock Generator
Input
XDR
XDR
Clock Generator
a. Differential input
b. Single-ended input
Supply Voltage
CLK_INC
CLK_INT
CLK_INT
Clock Output Drivers
Figure 2 shows the clock driver equivalent circuit. The differential driver produces a specified voltage swing on the channel by
switching the currents going into ODCLK_T and ODCLK_C. The external resistor RRC at the IREFY pin sets the maximum
current. The minimum current is zero.
The voltage at the IREFY pin, VIREFY, is by design equal to 1 V nominally, and the driver current is seven times the current flowing
through RRC. So, the output low current can be estimated as IOL = 7/ RRC.
The driver output characteristics are defined together with the external resistors, R1, R2, and R3. The output clock signals are
specified at the measurement points indicated in Figure 2. Table 5 shows example values for the resistors.
R1, R2, and R3 and the clock driver output impedance, ZOUT, must match the impedance of the channel, ZCH , to minimize
secondary reflections. ZOUT is specified as 1000 Ohms, minimum to accomplish this. The effective impedance can be estimated
by:
(1000R1/(1000+R1)+R2) R3/(1000R1/(1000+R1)+R2+R3)
Pull-up resistor RT terminates the transmission line at the load to minimize clock signal reflection signal reflections. Table 5
shows the resistor values for establishing and effective source termination impedance of 49.2 Ohms to match a 50 Ohm
channel. The termination voltages are 2.5 V for VTS and 1.2 V for VT. The resistor values R1 = 38.3 Ohms, R2 = 19.1 Ohms, R3
= 54.9 Ohms and RRC = 200 Ohms can be used to match a 28 Ohm channel.
Table 5. Example Resistor Values and Termination Voltages for a 50 Ohm Channel
1
Symbol
Parameter
Value
Tolerance
Unit
R1
Termination resistor
39.2
+/- 1%
Ω
R2
Termination resistor
66.5
+/- 1%
Ω
R3
Termination resistor
93.1
+/- 1%
Ω
RT
Termination resistor
49.9
+/- 1%
Ω
RRC
Swing control resistor
200
+/- 1%
Ω
VTS
Source termination voltage
2.5
+/-5%
V
VT
Termination voltage
1.2
+/-5%
V
Notes:
1 A different set of resistors is used in Figure 2 when testing
for maximum output current of the clock driver (IOLABS).
These resistors are: R1 = 23
Ω, R
2 = 36.5
Ω, R
3 = 52.3
Ω,
RT=28
Ω, R
RC = 118
Ω
Figure 1. Differential and single-ended reference clock inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com