Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9220B Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS9220B
Description  Programmable RambusTM XDRTM Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9220B Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS9220B Datasheet HTML 8Page - Integrated Device Technology ICS9220B Datasheet HTML 9Page - Integrated Device Technology ICS9220B Datasheet HTML 10Page - Integrated Device Technology ICS9220B Datasheet HTML 11Page - Integrated Device Technology ICS9220B Datasheet HTML 12Page - Integrated Device Technology ICS9220B Datasheet HTML 13Page - Integrated Device Technology ICS9220B Datasheet HTML 14Page - Integrated Device Technology ICS9220B Datasheet HTML 15Page - Integrated Device Technology ICS9220B Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1427A—01/26/10
ICS9220B
Programmable Rambus
TM XDRTMClock Generator
13
IDTTM
Programmable RambusTM XDRTMClock Generator
R2
R3
RT
ZCH
R1
Measurement
Differential Driver
Point
RT
ZCH
Measurement
Point
R2
R3
R1
Swing Current
Control
RRC
VT
VT
VTS
VTS
ISET
ODCLK_T
ODCLK_C
t
F
80%
V(t)
20%
t
R
V
H
V
L
Figure 3. Input and Output Voltage Waveforms
Vx,nom
Vx+
Vx-
ODCLK_T
ODCLK_C
Figure 4. Crossing-point Voltage
Input Clock Signal
The ICS9220 receives either a differential or single-ended reference clock (CLK_INT/C). When the reference input clock is from
a differential clock source, it must meet the voltage levels and timing requirements listed in the DC Characteristics – Inputs
and AC Characteristics – Inputs tables.
For a singled-ended clock input, an external voltage divider and a supply voltage, as shown in Figure 2, provide a reference
voltage VTH at the CLK_INC pin to determine the proper switching point for CLK_INT. The range of VTH is specified in the DC
Characteristics – Inputs table.
Figure 2. Example System Clock Driver Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com