Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9708 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9708 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM9708 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Advanced Information
WM9708
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
11
VARIABLE SAMPLE RATE SUPPORT
The DACs and ADCs on this device support all the recommended sample rates specified in the Intel
Revision 2.1 specification for audio rates. The default rate is 48ks/s. If alternative rates are selected
and variable rate audio is enabled (Register 2Ah, bit 0), the AC’97 interface continues to run at 48k
words per second, but data is transferred across the link in bursts such that the net sample rate
selected is achieved. It is up to the AC’97 Revision 2.1 compliant controller to ensure that data is
supplied to the AC link, and received from the AC link, at the appropriate rate.
The device supports on demand sampling. That is, when the DAC signal processing circuits need
another sample, a sample request is sent to the controller which must respond with a data sample in
the next frame it sends. For example, if a rate of 24ks/s is selected, on average the device will
request a sample from the controller every other frame, for each of the stereo DACs. Note that if an
unsupported rate is written to one of the rate registers, the rate will default to the nearest rate
supported. The Register will then respond when interrogated with the default sample rate.
The left and right channels of the ADCs and DACs always sample at the same rate.
AUDIO
SAMPLE RATE
CONTROL VALUE
D15-D0
8000
1F40
11025
2B11
16000
3E80
22050
5622
32000
7D00
44100
AC44
48000
BB80
Table 1 Variable Sample Rates Supported
GAIN CONTROL REGISTER LOCATION
PGA
CONTROL REGISTER
MUTE DEFAULT
DAC
18h
Muted (bit-15)
Mixer
72h
Not-muted (bit-15)
Volume
02h
Muted (15)
Table 2 Gain Control Register Location
MASTER SUPPORT
WM9708 supports operation as a master codec. Fundamentally, a device identified as a
master produces a BITCLK as an input.
CONTROL INTERFACE
A digital interface has been provided to control the WM9708 and transfer data to and from it. This
serial interface is compatible with the Intel AC’97 specification.
The main control interface functions are:
•
Control of analogue gain and signal paths through the mixer
•
Bi-directional transfer of ADC and DAC words to and from AC’97 controller
•
Selection of Powerdown down modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com