Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9708 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9708 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM9708 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Advanced Information
WM9708
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
3
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Digital supply voltage
-0.3V
+7V
Analogue supply voltage
-0.3V
+7V
Voltage range digital inputs
DVSS -0.3V
DVDD +0.3V
Voltage range analogue inputs
AVDD -0.3V
AVDD +0.3V
Operating temperature range, TA
0
oC+70oC
Storage prior to soldering
30
oC max / 85% RH max
Storage temperature after soldering
-65
oC
+150
oC
Package body temperature (soldering 10 seconds)
+240
oC
Package body temperature (soldering 2 minutes)
+183
oC
Note:
1.
The digital supply voltage (DVDD) must always be less than or equal to the analogue supply voltage (AVDD).
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
-10%
3.3 to 5.0
+10%
V
Analogue supply range
AVDD
-10%
3.3 to 5.0
+10%
V
Digital ground
DGND
0
V
Analogue ground
AGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Analogue supply current
DVDD, AVDD = 5V
28
mA
Digital supply current
DVDD, AVDD = 5V
22
mA
Standby supply current (all PRs set)
DVDD, AVDD = 5V
10
uA
Analogue supply current
DVDD, AVDD = 3.3V
17
mA
Digital supply current
DVDD, AVDD = 3.3V
13
mA
Standby supply current (all PRs set)
DVDD, AVDD = 3.3V
10
uA
Note:
1.
Both supplies should be powered on and off at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com