Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9708 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9708 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM9708 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
WM9708
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM9708CDS
0 to 70
oC
28-pin SSOP
16
15
14
20
19
18
17
5
6
7
1
2
3
4
13
12
11
8
9
10
DVDD
CDL
MIC1
NC
NC
VREFOUT
LINEOUTR
LINEOUTL
CAP
NC
MONOOUT
AVDD
AGND
RESETB
LINEINR
XTLOUT
SDATAOUT
XTLIN
SYNC
AGND
SDATAIN
DGND
VREF
BITCLK
21
22
23
24
25
26
27
28
PCBEEP
CDGND
LINEINL
CDR
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
NC
No internal connection
2
NC
No internal connection
3
DVDD
Supply
Digital positive supply
4
XTLIN
Digital input
Clock crystal connection or clock input (XTAL not used)
5
XTLOUT
Digital output
Clock crystal connection
6
SDATAOUT
Digital input
Serial data input
7
BITCLK
Digital output
Serial interface clock output to AC’97 controller
8
DGND
Supply
Digital ground supply
9
SDATAIN
Digital output
Serial data output to AC’97 controller
10
SYNC
Digital input
Serial interface sync pulse from AC’97 controller
11
RESETB
Digital input
NOT reset input (active low, resets registers)
12
PCBEEP
Analogue input
Mixer input, typically for PCBEEP signal
13
CDL
Analogue input
Mixer input, typically for CD signal
14
CDGND
Analogue input
CD input common mode reference (ground)
15
CDR
Analogue input
Mixer input, typically for CD signal
16
MIC1
Analogue input
Mixer input with extra gain if required
17
LINEINL
Analogue input
Mixer input, typically for LINE signal
18
LINEINR
Analogue input
Mixer input, typically for LINE signal
19
AGND
Supply
Analogue ground supply, chip substrate
20
VREF
Analogue output
Buffered CAP, used as MIXER reference
21
VREFOUT
Analogue output
Reference for microphones; buffered CAP
22
CAP
Analogue input
Reference input/output; pulls to midrail if not driven
23
NC
No internal connection
24
LINEOUTL
Analogue output
Main analogue output for left channel
25
LINEOUTR
Analogue output
Main analogue output for right channel
26
MONOOUT
Analogue output
Main mono output
27
AVDD
Supply
Analogue positive supply
28
AGND
Supply
Analogue ground supply, chip substrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com