Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9708 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9708 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM9708 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Advanced Information
WM9708
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
13
The datastreams currently defined by the AC’97 specification include:
PCM playback - 2 output slots
2-channel composite PCM output stream
PCM record data - 2 input slots
2-channel composite PCM input stream
Control - 2 output slots
Control Register write port
Status - 2 input slots
Control Register read port
Optional modem line codec output -
1 output slot
Modem line codec DAC input stream
Optional modem line codec input –
1 input slot
Modem line codec ADC output stream
Optional dedicated microphone input -
1 input slot
Dedicated microphone input stream in support
of stereo AEC and/or other voice applications.
Synchronisation of all AC-link data transactions is signalled by the WM9708 controller. The WM9708
drives the serial bit clock onto AC-link, which the AC’97 controller then qualifies with a
synchronisation signal to construct audio frames.
SYNC, fixed at 48kHz, is derived by dividing down the serial clock (BITCLK). BITCLK, fixed at
12.288MHz, provides the necessary clocking granularity to support 12, 20-bit outgoing and incoming
time slots and the tag slot. AC-link serial data is transitioned on each rising edge of BITCLK. The
receiver of AC-link data, (WM9708 for outgoing data and AC’97 controller for incoming data),
samples each serial bit on the falling edges of BITCLK.
The AC-link protocol provides for a special 16-bit time slot (slot 0) wherein each bit conveys a valid
tag for its corresponding time slot within the current audio frame. A 1 in a given bit position of slot 0
indicates that the corresponding time slot within the current audio frame has been assigned a data
stream, and contains valid data. If a slot is tagged invalid, it is the responsibility of the source of the
data, (the WM9708 for the input stream, AC’97 controller for the output stream), to stuff all bit
positions with 0s during that slot’s active time.
SYNC remains high for a total duration of 16 BITCLKs at the beginning of each audio frame.
The portion of the audio frame where SYNC is high is defined as the Tag Phase. The remainder of
the audio frame where SYNC is low is defined as the Data Phase. Additionally, for power savings, all
clock, sync, and data signals can be halted. This requires that the WM9708 be implemented as a
static design to allow its register contents to remain intact when entering a power savings mode.
AC-LINK AUDIO OUTPUT FRAME (SDATA_OUT)
The audio output frame data streams correspond to the multiplexed bundles of all digital output data
targeting the WM9708’s DAC inputs, and control registers. As briefly mentioned earlier, each audio
output frame supports up to 12 20-bit outgoing data time slots. Slot 0 is a special reserved time slot
containing 16-bits, which are used for AC-link protocol infrastructure.
OUTPUT TAG SLOT (16-BITS)
Bit (15)
Frame Valid
Bit (14)
Slot 1 Valid Command Address bit
(Primary Codec only)
Bit (13)
Slot 2 Valid Command Data bit
(Primary Codec only)
Bit (12:3)
Slot 3-12 Valid bits as defined by AC’97
Bit 2
Reserved
(Set to 0)
Bit (1:0)
2-bit Message ID field
(00 reserved for Primary; 01
indicates Secondary)
Within slot 0 the first bit is a global bit (SDATAOUT slot 0, bit 15) which flags the validity for the entire
audio frame. If the Valid Frame bit is a 1, this indicates that the current audio frame contains at least
one time slot of valid data. The next 12-bit positions sampled by the WM9708 indicate which of the
corresponding 12 time slots contain valid data. It should be noted that in URA, even when slot 1 is
tagged as invalid, the request bits are still valid.
In this way data streams of differing sample rates can be transmitted across AC-link at its fixed
48kHz audio frame rate. Figure 9 illustrates the time slot based AC-link protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com