Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9708 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9708 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM9708 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Advanced Information
WM9708
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
15
As an example, consider an 8-bit sample stream that is being played out to one of the WM9708’s
DACs. The first 8 bit positions are presented to the DAC (MSB justified) followed by the next 12 bit
positions, which are stuffed with 0s by the AC’97 controller. This ensures that regardless of the
resolution of the implemented DAC (16, 18 or 20-bit), no DC biasing will be introduced by the least
significant bits.
When mono audio sample streams are output from the AC’97 controller, it is necessary that BOTH
left and right sample stream time slots be filled with the same data.
SLOT 1: COMMAND ADDRESS PORT
The command port is used to control features, and monitor status for the WM9708 functions
including, but not limited to, mixer settings, and power management (refer to the Serial Interface
Register Map). The control interface architecture supports up to 128, 16-bit read/write registers,
however only those addressable on even byte boundaries are used in Rev 2.1. Only the even
Registers (00h, 02h, etc.) are valid. Odd register read/write will have no effect on the WM9708.
Audio output frame slot 1 communicates control register address, and read/write command
information to the WM9708.
COMMAND ADDRESS PORT BIT ASSIGNMENTS
Bit (19)
Read/write command (1 = read, 0 = write)
Bit (18:12)
Control register index (64 16-bit locations, addressed on even
byte boundaries)
Bit (11:0)
Reserved (stuffed with 0s)
The first bit (MSB) sampled by the WM9708 indicates whether the current control transaction is a
read or write operation. The following 7 bit positions communicate the targeted control register
address. The trailing 12 bit positions within the slot are reserved and must be stuffed with 0s by the
AC’97 controller.
SLOT 2: COMMAND DATA PORT
The command data port is used to deliver 16-bit control register write data in the event that the
current command port operation is a write cycle. (As indicated by slot 1, bit 19).
Bit (19:4)
Control register write data (stuffed with 0s if current operation is
a read)
Bit (3:0)
Reserved (stuffed with 0s)
If the current command port operation is a read then the entire time slot must be stuffed with 0s by
the AC’97 controller.
SLOT 3: PCM PLAYBACK LEFT CHANNEL
Audio output frame slot 3 is the composite digital audio left playback stream. In a typical Games
Compatible PC this slot is composed of standard PCM (.wav) output samples digitally mixed (on the
AC’97 controller or host processor) with music synthesis output samples. If a sample stream of
resolution less than 20-bits is transferred, the AC’97 controller must stuff all trailing non-valid bit
positions within this time slot with 0s.
SLOT 4: PCM PLAYBACK RIGHT CHANNEL
Audio output frame slot 4 is the composite digital audio right playback stream. In a typical Games
Compatible PC this slot is composed of standard PCM (.wav) output samples digitally mixed (on the
AC’97 controller or host processor) with music synthesis output samples.
If a sample stream of resolution less than 20-bits is transferred, the AC’97 controller must stuff all
trailing non-valid bit positions within this time slot with 0s.
SLOT 5: OPTIONAL MODEM LINE CODEC
Audio output frame slot 5 contains the MSB justified modem DAC input data. This optional AC’97
feature is not supported in the WM9708, and if data is written to this location it is ignored. This may
be determined by the AC’97 controller interrogating the WM9708 reg 28h and 3Ch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com