Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9708 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9708 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM9708 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
WM9708
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
16
SLOTS 6 TO 9: SURROUND SOUND DATA
Audio output frame slots 6 to 9 are used to send surround sound data. Unsupported by WM9708.
SLOTS 10 AND 11: LINE2 AND HANDSET DAC
These data slots are not supported.
SLOT 12: GPIO CONTROL
These data slots are not supported.
AC-LINK AUDIO INPUT FRAME (SDATA_IN)
SYNC
BITCLK
SDATAIN
CODEC
READY
SLOT(1)
SLOT(2)
SLOT(12)
’0’
’0’
’0’
19
0
19
0
19
0
19
0
TAG PHASE
DATA PHASE
20.8
µS (48kHz)
12.288MHz
81.4nS
END OF PREVIOUS
AUDIO FRAME
TIME SLOT ’VALID’ BITS
(’1’ = TIME SLOT CONTAINS
VALID PCM DATA)
SLOT (1)
SLOT (2)
SLOT (3)
SLOT (12)
Figure 11 AC-link Audio Input Frame
The audio input frame data streams correspond to the multiplexed bundles of all digital input data
targeting the AC’97 controller. As is the case for audio output frame, each AC-link audio input frame
consists of 12, 20-bit time slots plus the tag slot.
Slot 0 is a special reserved time slot containing 16-bits, which are used for AC-link protocol
infrastructure.
Within slot 0 the first bit is a global bit (SDATAIN slot 0, bit 15) which flags whether the WM9708 is in
the Codec Ready state or not. If the Codec Ready bit is a 0, this indicates that the WM9708 is not
ready for normal operation. This condition is normal following the desertion of power on reset for
example, while the WM9708’s voltage references settle. When the AC-link Codec Ready indicator bit
is a 1, it indicates that the AC-link and the WM9708 control and status registers are in a fully
operational state. The AC’97 controller must further probe the Powerdown Control/Status Register to
determine exactly which subsections, if any, are ready.
Prior to any attempts at putting the WM9708 into operation the AC’97 controller should poll the first
bit in the audio input frame (SDATAIN slot 0, bit 15) for an indication that the WM9708 has gone
Codec Ready.
Once the WM9708 is sampled Codec Ready then the next 12 bit positions sampled by the AC’97
controller indicate which of the corresponding 12 time slots are assigned to input data streams, and
that they contain valid data. Figure 11 illustrates the time slot based AC-link protocol.
There are several subsections within the WM9708 that can independently go busy/ready. It is the
responsibility of the WM9708 controller to probe more deeply into the WM9708 register file to
determine which the WM9708 subsections are actually ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com