Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9708 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9708 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM9708 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
WM9708
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
12
AC-LINK DIGITAL SERIAL INTERFACE PROTOCOL
The WM9708 incorporates a 5-pin digital serial interface that links it to the AC’97 controller. The AC-
link is a bi-directional, fixed rate, serial PCM digital stream. It handles multiple input and output audio
streams, as well as control Register accesses, employing a time division multiplexed (TDM) scheme.
The AC-link architecture divides each audio frame into 12 outgoing and 12 incoming data streams,
each with 20-bit sample resolution and a 16-bit header slot. With a minimum required DAC and ADC
resolution of 16-bits, AC’97 may also be implemented with 18 or 20-bit DAC/ADC resolution, given
the headroom that the AC-link architecture provides. The WM9708 provides support for 18-bit
operation.
SLOT
NUMBER
SYNC
SDATAOUT
SDATAIN
TAG PHASE
TAG
CMD
ADR
CMD
DATA
PCM
LEFT
PCM
RIGHT
RSRVD
RSRVD
RSRVD
TAG
STATUS
ADDR
STATUS
DATA
PCM
LEFT
PCM
RIGHT
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
DATA PHASE
01
2
3
4567
89
10
11
12
PCM C
(n+1)
PCM R
(n+1)
PCM L
(n+1)
CODEC ID
SLOTREQ 3-12
PCM
CENTRE
RSRVD
PCM
L SURR
PCM
R SURR
PCM
LFE
RSRVD
Figure 8 AC’97 Standard Bi-directional Audio Frame
SYNC
BITCLK
SDATAOUT
VALID
FRAME
SLOT(1)
SLOT(2)
SLOT(12)
’0’
(ID1)
(ID0)
19
0
19
0
19
0
19
0
TAG PHASE
DATA PHASE
20.8
µS (48kHz)
12.288MHz
81.4nS
END OF PREVIOUS
AUDIO FRAME
TIME SLOT ’VALID’ BITS
(’1’ = TIME SLOT CONTAINS
VALID PCM DATA)
SLOT (1)
SLOT (2)
SLOT (3)
SLOT (12)
Figure 9 AC-link Audio Output Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com