Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9708 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM9708
Description  AC97 Revision 2.1 Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9708 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM9708 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9708 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Advanced Information
WM9708
WOLFSON MICROELECTRONICS LTD
AI Rev 2.0 April 2001
23
The part will remain in sleep mode with all its registers holding their static values. To wake up the
WM9708, the AC’97 controller will send a pulse on the sync line issuing a warm reset. This will
restart the WM9708’s digital interface (resetting PR4 to 0). The WM9708 can also be woken up with
a cold reset. A cold reset will cause a loss of values of the registers, as a cold reset will set them to
their default states. When a section is powered back on, the Powerdown Control/Status Register
(index 26h) should be read to verify that the section is ready (i.e. stable) before attempting any
operation that requires it.
PR1 = 1
PR2 = 1
PR4 = 1
ADCs OFF
PR0
DACs OFF
PR1
ANALOGUE
OFF PR2
OR PR3
DIGITAL I/F
OFF PR4
WARM RESET
PR1 = 0 AND
DAC = 1
PR2 = 0 AND
ANL = 1
SHUT OFF
CODA LINK
Figure 14 The WM9708 Powerdown/Flow with Analogue Still Alive
Figure 14 illustrates a state when all the mixers will work with the static volume settings that are
contained in their associated registers. This is used when the user could be playing a CD (or external
LINEIN source) through WM9708 to the speakers but have most of the system in low power mode.
The procedure for this follows the previous except that the analogue mixer is never shut down.
POWERDOWN CONTROL/STATUS REGISTER (INDEX 26h)
Note that in order to go into ultimate low power mode, PR4 and PR5 are required to be set which
turns off the oscillator circuit. Asserting SYNC resets the PR4 and PR5 bit and re-starts the oscillator
in the same was as the AC link is restarted.
REVISION 2.1 REGISTERS (INDEX 28h T0 58h)
These registers are specified as to use in Revision 2.1 of the AC’97 specification and have the
following functions on the WM9708:
REGISTER 28h – EXTENDED AUDIO ID
The Extended Audio ID register is a read only register that identifies which extended audio features
are supported (in addition to the original AC’97 features identified by reading the reset register at
index 00h). A non zero value indicates the feature is supported.
DATA BIT
FUNCTION
ANY MODE
VRA
Variable rate audio support
1
DRA
Double rate audio support
0
VRM
Variable rate Mic ADC support
0
CDAC
Centre DAC support
0
SDAC
Surround DAC support
0
LDAC
LFE DAC support
0
AMAP
Slot to front DAC mapping support
0
ID1
Codec configuration – fixed in 9707
0
ID0
Not supported
Not supported
Table 12 Extended Audio ID Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com