Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6611GOTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6611GOTR
Description  High-efficiency Synchronous Step-up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6611GOTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6611GOTR Datasheet HTML 1Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 2Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 3Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 4Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 5Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 6Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 7Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.SiliconStandard.com
3 of 16
SS6610/11G
4/21/2006 Rev.3.01
ELECTRICAL CHARACTERISTICS
(VIN = 2.0V, VOUT = 3.3V (FB = VOUT),RL =
∞ , unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Minimum input voltage
0.7
V
Operating voltage
1.1
5.5
V
Start-up voltage
RL=3kΩ (Note1)
0.8
1.1
V
Start-up voltage temp. coeff.
-2
mV/
°C
Output voltage range
VIN<VOUT
1.8
5.5
Output voltage
FB = VOUT
3.17
3.3
3.43
V
SS6610G
300
350
FB=OUT
(VOUT =3.3V)
SS6611G
150
300
SS6610G
180
230
Steady-state output current
(Note 2)
FB=GND
(
VOUT =5.0V)
SS6611G
90
160
mA
Reference voltage
IREF= 0
1.199
1.23
1.261
V
Reference voltage temp. coeff.
0.024
mV/
°C
Reference load regulation
IREF = 0 to 100µA
10
30
mV
Reference line regulation
VOUT = 1.8V to 5.5V
5
10
mV/V
FB , LBI input threshold
1.199
1.23
1.261
V
Internal switch on-resistance
ILX = 100mA
0.3
0.6
Ω
SS6610G
0.80
1.0
1.25
LX switch current limit
SS6611G
0.50
0.65
0.85
A
LX leakage current
VLX=0V~4V; VOUT=5.5V
0.05
1
µA
Operating current into OUT
(Note 3)
VFB = 1.4V , VOUT = 3.3V
20
35
µA
Shutdown current into OUT
SHDN = GND
0.1
1
µA
VOUT= 3.3V ,ILOAD = 200mA
90
Efficiency
VOUT = 2V ,ILOAD = 1mA
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com