Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6611GOTR Datasheet(PDF) 14 Page - Silicon Standard Corp.

Part # SS6611GOTR
Description  High-efficiency Synchronous Step-up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6611GOTR Datasheet(HTML) 14 Page - Silicon Standard Corp.

Back Button SS6611GOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 9Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 10Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 11Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 12Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 13Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 14Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 15Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 16Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
www.SiliconStandard.com
14 of 16
SS6610/11G
4/21/2006 Rev.3.01
Fig. 35. Top layer
Fig. 36. Bottom layer
Fig. 37. Placement
R1
R2
R3 R4
100K
R6
VIN
LBI
LBO
VIN
R5=0
Ω, R6=open; for V
OUT=3.3V
R5=open, R6=0
Ω; for V
OUT=5.0V
VOUT=1.23(1+R5/R6); for adjustable output voltage
L1
22
µH
C2
100
µF
C3
0.1
µF
R7
10k
+
C6
100
µF
C5
0.1
µF
R5
+
FB
1
LBI
2
LBO
3
REF
4
SHDN
5
GND
6
LX 7
OUT
8
SS6610/11
C4
100nF
VOUT
ShutDown
C1
100
µF
+
C7
100
µF
+
C8
100
µF
+
+
L1: TDK SLF7045T-22OMR90
C1~C2, C6~8: NIPPON Tantalum Capacitor 6MCM107MCTER
Fig. 38 SS6610/11 application circuit with small ripple voltage.
Fig. 39
Efficiency (ref. to Fig.38)
Output Current (mA)
0.01
0.1
1
10
100
1000
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
VOUT=5.0V
L=22
µH
VIN=1.2V
VIN=2.4V
VIN=3.6V
SS6610 (ILIMIT =1A)
Fig. 40
Ripple Voltage (ref. to Fig.38)
Output Current (mA)
0
100
200
300
400
500
600
700
0
10
20
30
40
50
60
VOUT=5.0V
L=22
µH
VIN=2.4V
VIN=3.6V
VIN=1.2V
SS6610 (ILIMIT =1A)
IIIIIIIIIIIIIIIIIIIII
IIIIIIIIIIIIIIIIIIIII
IIIIIIIIIIIIIIIIIIIII
IIIIIIIIIIIIIIIIIIIII
IIIIIIIIIIIIIIIIIIIII
IIIIIIIIIIIIIIIIIIIII
IIIIIIIIIIIIIIIIIIIII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com