Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6611GOTR Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6611GOTR
Description  High-efficiency Synchronous Step-up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6611GOTR Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6611GOTR Datasheet HTML 7Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 9Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 10Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 11Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 12Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 13Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 14Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 15Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.SiliconStandard.com
11 of 16
SS6610/11G
4/21/2006 Rev.3.01
PIN DESCRIPTIONS
PIN 1: FB
Connect to pin 8:OUT to get +3.3V
output, connect to pin 6:GND to get
+5.0V output, or use a resistor
network to set the output voltage
between +1.8V and +5.5V.
PIN 2: LBI
Low-battery comparator input.
Internally set at +1.23V to trip.
PIN 3: LBO
Open-drain low-battery comparator
output. Output is low when VLBI is
<1.23V. LBO is high-impedance
during shutdown.
PIN 4: REF
1.23V reference voltage. Bypass
with a 0.1
µF capacitor.
PIN 5: SHDN Shutdown input. High = operating,
low = shutdown.
PIN 6: GND
Ground
PIN 7: LX
N-channel and P-channel power
MOSFET drain.
PIN 8: OUT
Power output. OUT provides the
bootstrap power to the IC.
APPLICATION INFORMATION
Overview
The SS6610/11 series are high-efficiency, step-up DC/DC
converters, featuring a built-in synchronous
rectifier, which reduces size and cost by eliminating
the need for an external Schottky diode. The start-up
voltage of the SS6610 and SS6611 is as low as
0.8V and they operate with an input voltage down
to 0.7V. Quiescent supply current is only 20
µA.
The internal P-MOSFET on-resistance is typically
0.3
Ω to improve overall efficiency by minimizing AC
losses. The output voltage can be easily set using
two external resistors for 1.8V to 5.5V; connecting
FB to OUT to get 3.3V; or connecting to GND to get
5.0V. The peak current of the internal switch is fixed
at 1.0A (SS6610) or 0.65A (SS6611) for design
flexibility. The current limits of the SS6610 and SS6611
are 1.0A and 0.65A respectively. The lower current
limit allows the use of a physically smaller inductor in
space-sensitive applications.
PFM Control Scheme
A key feature of the SS6610 series is a unique
minimum-off-time, constant-on-time, current-limited,
pulse-frequency-modulation (PFM) control scheme
(see BLOCK DIAGRAM) with ultra-low quiescent
current. The peak current of the internal N-MOSFET
power switch can be fixed at 1.0A (SS6610) or
0.65A (SS6611). The switch frequency depends on
either loading conditions or input voltage, and can
range up to 500KHz. It is governed by a pair of one-
shots that set a minimum off-time (1
µs) and a
maximum on-time (4
µs).
Synchronous Rectification
Using the internal synchronous rectifier eliminates
the need for an external Schottky diode, reducing
the cost and board space. During the cycle of off-
time, the P-MOSFET turns on and shuts the N-
MOSFET off. Due to the low turn-on resistance
of the MOSFET, the synchronous rectifier signif-
cantly improves efficiency without an additional ex-
ternal Schottky diode. Thus, the conversion effi-
ciency can be as high as 93%.
Reference Voltage
The reference voltage (REF) is nominally 1.23V for
excellent T.C. performance. In addition, the REF pin can
source up to 100
µA to an external circuit with good load
regulation (<10mV). A bypass capacitor of 0.1
µF is
required for proper operation and good performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com