Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6611GOTR Datasheet(PDF) 15 Page - Silicon Standard Corp.

Part # SS6611GOTR
Description  High-efficiency Synchronous Step-up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6611GOTR Datasheet(HTML) 15 Page - Silicon Standard Corp.

Back Button SS6611GOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 9Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 10Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 11Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 12Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 13Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 14Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 15Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 16Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
www.SiliconStandard.com
15 of 16
SS6610/11G
4/21/2006 Rev.3.01
Fig. 41
Efficiency (ref. to Fig.38)
Output Current (mA)
60
0.01
0.1
1
10
100
1000
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
VOUT=5.0V
L=22
µH
VIN=2.4V
VIN=3.6V
VIN=1.2V
SS6611 (ILIMIT =0.65A)
Fig. 42
Ripple Voltage (ref. to Fig.38)
Output Current (mA)
0
100
200
300
400
500
0
10
20
30
40
50
60
VOUT=5.0V
L=22µH
VIN=2.4V
VIN=3.6V
VIN=1.2V
SS6611 (I LIMIT =0.65A)
Fig. 43
Efficiency (ref. to Fig.38)
Output Current (mA)
0.01
0.1
1
10
100
1000
40
45
50
55
60
65
70
75
80
85
90
95
100
VIN=2.4V
VIN=1.2V
VOUT=3.3V
L=22µH
SS6610 (ILIMIT =1A)
Fig. 44
Ripple Voltage (ref. to Fig.38)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
550
600
0
5
10
15
20
25
30
35
40
45
50
VIN=2.4V
VIN=1.2V
VOUT=3.3V
L=22
µH
SS6610 (ILIMIT =1A)
Fig. 45
Efficiency (ref. to Fig.38)
Output Current (mA)
0.01
0.1
1
10
100
1000
40
45
50
55
60
65
70
75
80
85
90
95
100
VOUT=3.3V
L=22
µH
VIN=2.4V
VIN=1.2V
SS6611 (I LIMIT =0.65A)
Fig. 46
Ripple Voltage (ref. to Fig.38)
Output Current (mA)
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
35
VOUT=3.3V
L=22
µH
VIN=2.4V
VIN=1.2V
SS6611 (I LIMIT =0.65A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com