Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6611GOTR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6611GOTR
Description  High-efficiency Synchronous Step-up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6611GOTR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6611GOTR Datasheet HTML 1Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 2Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 3Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 4Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 5Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 6Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 7Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.SiliconStandard.com
1 of 16
High efficiency boost converter
Output current up to 500mA
No external diode required
PRODUCT SUMMARY
DESCRIPTION
High-efficiency Synchronous Step-up DC/DC Converter
SS6610/11G
4/21/2006 Rev.3.01
Quiescent supply current of 20
mA.
Power-saving shutdown mode (0.1
µA typical).
Internal synchronous rectifier
On-chip low-battery detector.
Low battery hysteresis
APPLICATIONS
Palmtop and notebook computers.
PDAs
Wireless phones
Pocket organizers.
Digital cameras.
Hand-held devices with 1 to 3 cells of
NiMH/NiCd batteries.
The SS6610/11G are high-efficiency step-up
DC/DC converters, with a start-up voltage as low
as 0.8V, and an operating voltage down to 0.7V.
Consuming only 20
µA of quiescent current,
these devices include a built-in synchronous rec-
tifier that reduces size and cost by eliminating
the need for an external Schottky diode, and
improves overall efficiency by minimizing
losses.
The switching frequency can range up to
500KHz depending on the load and input volt-
age. The output voltage can be easily set by:
1) two external resistors for 1.8V to 5.5V;
2) connecting FB to OUT to get 3.3V; or
3) connecting FB to GND to get 5.0V.
The peak current of the internal switch is fixed at 1A
(SS6610G) or 0.65A (SS6611G) for design flexibility.
TYPICAL APPLICATION CIRCUIT
Output 3.3V, 5.0V
or adjustable from 1.8V to 5.5V
up to 300mA output
Low-battery
Detect Out
SS6610G
SS6611G
OUT
FB
GND
REF
LBO
SHDN
LX
LBI
+
ON
OFF
+
Low Battery
Detection
0.1
µF
VIN
22
µH
47
µF
47
µF
Pb-free, RoHS compliant MSOP-8
FEATURES


Similar Part No. - SS6611GOTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6611 ETC1-SS6611 Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
SS6611COTR ETC1-SS6611COTR Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
More results

Similar Description - SS6611GOTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com