Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6611GOTR Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6611GOTR
Description  High-efficiency Synchronous Step-up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6611GOTR Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6611GOTR Datasheet HTML 3Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 4Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 5Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 6Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 7Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 9Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 10Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.SiliconStandard.com
7 of 16
SS6610/11G
4/21/2006 Rev.3.01
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 13
Ripple Voltage (ref. to Fig.32)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
550
0
20
40
60
80
100
120
140
VOUT=3.3V
CIN=100µF
COUT=100µF
VIN=1.2V
VIN=2.4V
SS6610 (ILIMIT =1A)
SS6610 (ILIMIT =1A)
Fig. 14
Efficiency vs. Load Current (ref. to Fig.32)
Output Current (mA)
0.01
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
VIN=1.2V
VIN=2.4V
SS6611 (I LIMIT =0.65A)
VOUT=3.3V (FB=OUT)
Fig. 15
Ripple Voltage (ref. to Fig.32)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
100
120
140
VOUT=3.3V
L=22
µH
CIN=47µF
COUT=47µF
VIN=1.2V
VIN=2.4V
SS6611 (I LIMIT =0.65A)
Fig. 16
Ripple Voltage (ref. to Fig.32)
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
80
90
100
110
120
VOUT=3.3V
L=22
µH
CIN=100µF
COUT=100µF
VIN=1.2V
VIN=2.4V
SS6611 (ILIMIT =0.65A)
Fig. 17
Reference Voltage vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
1.20
1.21
1.22
1.23
1.24
1.25
1.26
IREF=0
Fig. 18
Switch Resistance vs. Temperature
Temperature (°C)
-
60
-
40
-20
0
20
40
60
80
100
0.
00
0.
05
0.
10
0.
15
0.
20
0.25
0.
30
0.35
0.
40
0.45
0.50
P-Channel
N-Channel
VOUT=3.3V
ILX=100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com