Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6611GOTR Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6611GOTR
Description  High-efficiency Synchronous Step-up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6611GOTR Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6611GOTR Datasheet HTML 6Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 7Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 9Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 10Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 11Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 12Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 13Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 14Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.SiliconStandard.com
10 of 16
SS6610/11G
4/21/2006 Rev.3.01
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 31
Exiting Shutdown
VOUT
V
SHDN
VOUT=5.0V
CIN=COUT=100µF
BLOCK DIAGRAM
+
-
+
-
+
-
+
-
+
47
µF
47
µF
C2
0.1
µF
C1
VIN
C3
OUT
L
47
µH
LX
FB
REF
GND
OUT
C4
0.
1
µF
Q2
Q1
LBO
LBI
SHDN
F/ F
Q
R
S
Reference
Voltage
Mirror
Max. On-Time
One Shot
Minimum
Off-Time
One Shot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com