Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6611GOTR Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS6611GOTR
Description  High-efficiency Synchronous Step-up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6611GOTR Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS6611GOTR Datasheet HTML 8Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 9Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 10Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 11Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 12Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 13Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 14Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 15Page - Silicon Standard Corp. SS6611GOTR Datasheet HTML 16Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.SiliconStandard.com
13 of 16
SS6610/11G
4/21/2006 Rev.3.01
Ripple Voltage Reduction
Two or three parallel output capacitors can sig-
nificantly improve
the output ripple voltage of the
SS6610/11. The addition of an extra input capacitor
results in a stable output voltage. Fig.38 shows
the application circuit with the above features.
Figures 39 to 46
show the performance of the
circuit in Figure 38.
APPLICATION EXAMPLES
VOUT
VIN
R4
100K
Ω
SS6610/11
C3
C1
L
22
µH
47
µF
47
µF
0.1
µF
C2
0.1
µF
C4
LOW BATTERY
OUTPUT
R2
R1
LX
OUT
FB
GND
REF
LBI
LBO
SHDN
L: TDK SLF7045T-22OMR90
C1, C3: NIPPON Tantalum Capacitor 6MCM476MB2TER
VOUT
VIN
R4
100K
Ω
SS6610/11
C3
C1
47
µF
47
µF
0.1
µF
C2
0.1
µF
C4
LOW BATTERY
OUTPUT
R2
R1
OUT
FB
GND
REF
LBI
LBO
SHDN
L
22
µH
LX
L: TDK SLF7045T-22OMR90
C1, C3: NIPPON Tantalum Capacitor 6MCM476MB2TER
Fig. 32. VOUT = 3.3V Application Circuit.
Fig. 33. VOUT = 5.0V Application Circuit.
VOUT
VIN
100K
Ω
R4
47
µF
47
µF
0.1
µF
0.1
µF
LOW BATTERY
OUTPUT
C2
C4
C3
C1
SS6610/11
R6
R5
R2
R1
SHDN
LX
FB
LBO
GND
REF
LBI
OUT
L
22
µH
L: TDK SLF7045T-22OMR90
C1, C3: NIPPON Tantalum Capacitor 6MCM476MB2TER
VOUT=VREF*(1+R5/R6)
Fig. 34 An Adjustable Output Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com