Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6896 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6896
Description  1.4MHz Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6896 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6896 Datasheet HTML 1Page - Silicon Standard Corp. SS6896 Datasheet HTML 2Page - Silicon Standard Corp. SS6896 Datasheet HTML 3Page - Silicon Standard Corp. SS6896 Datasheet HTML 4Page - Silicon Standard Corp. SS6896 Datasheet HTML 5Page - Silicon Standard Corp. SS6896 Datasheet HTML 6Page - Silicon Standard Corp. SS6896 Datasheet HTML 7Page - Silicon Standard Corp. SS6896 Datasheet HTML 8Page - Silicon Standard Corp. SS6896 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.SiliconStandard.com
2 of 12
Rev.2.01 6/06/2003
SS6896
Absolute Maximum Ratings
LX to GND
-0.3V to +33V
FB to GND
-0.3V to +6V
IN,
SHDN
-0.3V to +11V
SS to GND
-0.3V to +6V
LX Pin RMS Current
0.6A
Continuous Power Dissipation (TA = +70°C) (Note 1)
6-Pin SOT23 (derate 9.1mW/°C above +70°C)
727mW
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
Note 1: Thermal properties are specified with product mounted on PC board with one square-inch of
copper area and still air.
Test Circuit
LX
FB
GND
SS
SHDN
IN
L1
D1
SS14
C2
0.033µF
R1
R2
+
C4
10µF
+
C1
10µF/16V
C5
1µF
C3
SHDN
VIN
2.5V to 10V
VOUT
6
4
1
3
5
2
Ordering Information
Pin Configuration
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
G: SOT-23-6
SS6896CXXX
Example: SS6896CGTR
à in SOT-23-6 package in tape and reel.
3
2
1
4
6
5
SOT-23-6 (CG)
FRONT VIEW
1: LX
2: GND
3: FB
4: SHDN
5: SS
6: IN
l SOT-23-6 Marking
Part No.
Marking
SS6896CG
1896
SS6896



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com