Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6896 Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6896
Description  1.4MHz Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6896 Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6896 Datasheet HTML 3Page - Silicon Standard Corp. SS6896 Datasheet HTML 4Page - Silicon Standard Corp. SS6896 Datasheet HTML 5Page - Silicon Standard Corp. SS6896 Datasheet HTML 6Page - Silicon Standard Corp. SS6896 Datasheet HTML 7Page - Silicon Standard Corp. SS6896 Datasheet HTML 8Page - Silicon Standard Corp. SS6896 Datasheet HTML 9Page - Silicon Standard Corp. SS6896 Datasheet HTML 10Page - Silicon Standard Corp. SS6896 Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.SiliconStandard.com
7 of 12
Rev.2.01 6/06/2003
SS6896
Typical Performance Characteristics (Continued)
Fig. 17 Feedback Pin Voltage
Temperature (°C)
-50
-25
0
25
50
75
100
1.20
1.21
1.22
1.23
1.24
1.25
VIN=3.6V
Fig. 18 Maximum Output current vs. Supply Voltage
(L1:10µH Vo=5V,9V ; L1=22µH Vo=13V,15V)
Supply Voltage (V)
2
3
4
5
6
7
8
9
10
100
200
300
400
500
600
700
800
VOUT=15V
VOUT=13V
VOUT=9V
VOUT=5V
Block Diagram
I9
CC
Q2
8
Q1
1
RC
R1
R2
R3
R4
RS
x20
x1
4 µA
Driver
SHDN
SS
LX
S oft - Start
PWM/PFM
VIN
C ontrol
+
-
Current Amp x 5
PWM
Comparator
C ontrol
Logic
1.4MHz
O scillator
FB
Error Amp
+
-
GND
S lope
Compensation
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com