Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6896 Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6896
Description  1.4MHz Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6896 Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6896 Datasheet HTML 4Page - Silicon Standard Corp. SS6896 Datasheet HTML 5Page - Silicon Standard Corp. SS6896 Datasheet HTML 6Page - Silicon Standard Corp. SS6896 Datasheet HTML 7Page - Silicon Standard Corp. SS6896 Datasheet HTML 8Page - Silicon Standard Corp. SS6896 Datasheet HTML 9Page - Silicon Standard Corp. SS6896 Datasheet HTML 10Page - Silicon Standard Corp. SS6896 Datasheet HTML 11Page - Silicon Standard Corp. SS6896 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.SiliconStandard.com
8 of 12
Rev.2.01 6/06/2003
SS6896
Pin Descriptions
PIN 1:
LX
-
Power
Switching
Connection.
Connect LX to inductor and output
rectifier.
Keep
the
distance
between the components as close
to LX as possible.
PIN 2:
GND -
Ground.
PIN 3:
FB
-
Feedback
Input.
Connect
a
resistive voltage-divider from the
output to FB to set the output
voltage.
PIN 4:
SHDN - Shutdown
Input.
Drive
SHDN
low to turn off the converter. To
automatically start the converter,
connect
SHDN
to
IN.
Drive
SHDN with a slew rate of 0.1V/µs
or
greater.
Do
not
leave
SHDN
unconnected.
SHDN
draws up to 50µA.
PIN 5:
SS
-
Soft-Start
Input.
Connect
a
soft-start capacitor from SS to
GND in order to soft-start the
converter.
Leave
SS
open
to
disable the soft-start function.
PIN 6:
IN
-
Internal
Bias
Voltage
Input.
Connect IN to the input voltage
source. Bypass IN to GND with a
capacitor sitting as close to IN as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com