Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6896 Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6896
Description  1.4MHz Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6896 Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6896 Datasheet HTML 4Page - Silicon Standard Corp. SS6896 Datasheet HTML 5Page - Silicon Standard Corp. SS6896 Datasheet HTML 6Page - Silicon Standard Corp. SS6896 Datasheet HTML 7Page - Silicon Standard Corp. SS6896 Datasheet HTML 8Page - Silicon Standard Corp. SS6896 Datasheet HTML 9Page - Silicon Standard Corp. SS6896 Datasheet HTML 10Page - Silicon Standard Corp. SS6896 Datasheet HTML 11Page - Silicon Standard Corp. SS6896 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.SiliconStandard.com
10 of 12
Rev.2.01 6/06/2003
SS6896
DC voltage is shown in Fig. 22. As the DC voltage
increases, the voltage drop on R2 increases and the
voltage drop on R1 decreases.
Thus, the LED current decreases. The selection of
R2 and R3 should make the current from the
variable DC source much smaller than the LED
current and much larger than the FB pin bias current.
For VDC range from 0V to 5V, the selection of
resistors in Fig. 22 gives dimming control of LED
current from 20mA to 0mA.
3. Using a Filtered PWM Signal
The filtered PWM signal can be considered as an
adjustable DC voltage. It can be used to replace the
variable DC voltage source in dimming control. The
circuit is shown in Fig. 23.
ZD1
19.6V~20.4V
BZV55-B20
R2
1K£[
LX
FB
GND
SS
SHDN
IN
L1
10µH
C2
0.033µF
C1
4.7µF
ON
OFF
3V to 4.2V
VIN
D1
CH521S-30
R1
62£[
C3
1µF
IOUT=ILED=20mA
6
4
1
3
5
2
Fig. 20 White LED driver with open-circuit protection
LX
FB
GND
SS
SHDN
IN
SS6896
C2
0.033
µF
R1
62£[
R2
1K£[
PWM
ZD1
LX
FB
GND
SS
SHDN
IN
SS6896
C2
0.033
µF
R1
82
Ω
R2
1K
Ω
PWM
ZD1
R3
3.3K
Ω
ON
OFF
(a)
(b)
Fig. 21 Dimming-control using a PWM signal
SS6896



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com