Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6896 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6896
Description  1.4MHz Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6896 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6896 Datasheet HTML 1Page - Silicon Standard Corp. SS6896 Datasheet HTML 2Page - Silicon Standard Corp. SS6896 Datasheet HTML 3Page - Silicon Standard Corp. SS6896 Datasheet HTML 4Page - Silicon Standard Corp. SS6896 Datasheet HTML 5Page - Silicon Standard Corp. SS6896 Datasheet HTML 6Page - Silicon Standard Corp. SS6896 Datasheet HTML 7Page - Silicon Standard Corp. SS6896 Datasheet HTML 8Page - Silicon Standard Corp. SS6896 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.SiliconStandard.com
5 of 12
Rev.2.01 6/06/2003
SS6896
Typical Performance Characteristics (Continued)
2
3
4
5
6
7
8
9
10
11
65
70
75
80
85
90
FB=1.3V
SHDN=1.0V
Supply Voltage (V)
Fig. 9 Non-Switching Current
0
100
200
300
400
500
600
60
65
70
75
80
85
90
Output Current (mA)
Fig. 10 Efficiency vs. Output Current (L1=10µH)
VOUT=5.0V
VIN=4.2V
VIN=3.3V
VIN=2.5V
VIN=3.6V
VIN=2.7V
0
50
100
150
200
60
65
70
75
80
85
90
VIN=5.0V
VOUT=12V
Output Current (mA)
Fig. 11 Efficiency vs. output current (L1=22µH)
VIN=4.2V
VIN=3.6V
VIN=3.3V
Fig. 12 Operation Wave Form
(VIN=3V;VOUT=5V;L1=10µH;R1=36K;R2=12K;
C3=39pF;IOUT=200mA)
VOUT
VLX
ILX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com