Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6896 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6896
Description  1.4MHz Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6896 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6896 Datasheet HTML 1Page - Silicon Standard Corp. SS6896 Datasheet HTML 2Page - Silicon Standard Corp. SS6896 Datasheet HTML 3Page - Silicon Standard Corp. SS6896 Datasheet HTML 4Page - Silicon Standard Corp. SS6896 Datasheet HTML 5Page - Silicon Standard Corp. SS6896 Datasheet HTML 6Page - Silicon Standard Corp. SS6896 Datasheet HTML 7Page - Silicon Standard Corp. SS6896 Datasheet HTML 8Page - Silicon Standard Corp. SS6896 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.SiliconStandard.com
1 of 12
SS6896
Rev.2.01 6/06/2003
Features
l
Fixed-frequency 1.4MHz Current-Mode PWM
operation.
l
Adjustable output voltage up to 30V.
l
Guaranteed 13V/ 200mA output with 5V Input.
l
Input Range 2.5V to 10V.
l
Maximum 0.1µA shutdown current.
l
Programmable soft-start.
l
Works with tiny inductors and capacitors
l
Space-s aving SOT-23-6 package.
Applications
l
White LED Backlight.
l
OLED Driver.
Description
The
SS6896
is
a
current-mode
pulse-width
modulation (PWM), step-up DC/DC converter. The
built-in high-voltage N-channel MOSFET allows the
SS6896 to support applications with up to 30V output
voltage, as well as Single-Ended Primary Inductance
Converters (SEPIC) and other low-side switching
DC/DC converters.
The high switching frequency (1.4MHz) permits the
use of small external components. The soft -start
function is programmable with an external capacitor,
which sets the input current ramp rate.
The SS6896 is available in a space-saving SOT-23-6
package.
Typical Application Circuits
LX
FB
GND
SS
SHDN
IN
SS6896
L
D1
CH521S -30
C2
0.033µF
R1
C1
4.7µF
ON
OFF
C3
1µF
ILED
VIN
ZD1
11.8V~12.2V
BZV55 -B12
R2
1KΩ
3.3V or
4.2V
6
4
1
3
5
2
68
70
72
74
76
78
80
82
84
86
2
4
6
8
10
12
14
16
18
20
LED Current (mA)
L: GTSK -51-100M (10µH)
L: GTSK-51-150M (15µH)
VIN=3.3V
VIN=4.2V
Fig. 1 Li-Ion Powered Driver for three white LEDs
LX
FB
GND
SS
SHDN
IN
SS6896
L
D1
CH521S-30
C2
0.033
µF
C1
4.7µF
ON
OFF
C3
1
µF
VIN
23.5V~24.5V
BZV55 -B24
R2
1K
Ω
3.6V or
4.2V
ILED
ZD1
R1
6
4
1
3
5
2
LED Current (mA)
60
62
64
66
68
70
72
74
76
78
80
2
4
6
8
10
12
14
16
18
20
VIN=3.6V
VIN=4.2V
L: GTSK -51-100M (10µH)
L: GTSK-51-150M (15µH)
Fig. 2 Li-Ion Powered Driver for six white LEDs
1.4MHz Current-Mode Step-Up DC/DC Converter


Similar Part No. - SS6896

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS68 FRONTIER-SS68 Datasheet
124Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS68 ASEMI-SS68 Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS68-LFR FRONTIER-SS68-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
SS6802AGSTB SSC-SS6802AGSTB Datasheet
253Kb / 10P
TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
More results

Similar Description - SS6896

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
Linear Technology
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Linear Technology
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
1.0MHz Current-Mode Step-Up DC/DC Converter
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
current mode step-up DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com