Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6896 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6896
Description  1.4MHz Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6896 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6896 Datasheet HTML 1Page - Silicon Standard Corp. SS6896 Datasheet HTML 2Page - Silicon Standard Corp. SS6896 Datasheet HTML 3Page - Silicon Standard Corp. SS6896 Datasheet HTML 4Page - Silicon Standard Corp. SS6896 Datasheet HTML 5Page - Silicon Standard Corp. SS6896 Datasheet HTML 6Page - Silicon Standard Corp. SS6896 Datasheet HTML 7Page - Silicon Standard Corp. SS6896 Datasheet HTML 8Page - Silicon Standard Corp. SS6896 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.SiliconStandard.com
4 of 12
Rev.2.01 6/06/2003
SS6896
Typical Performance Characteristics
-40
-20
0
20
40
60
80
100
1.20
1.25
1.30
1.35
1.40
1.45
1.50
Fig. 3 Switching Frequency vs. Temperature
VIN=3.6V
Temperature (°C)
2
3
4
5
6
7
8
9
10
11
1.30
1.35
1.40
1.45
1.50
Fig. 4 Frequency vs. Supply Voltage
TA=25°C
Supply Voltage (V)
2
3
4
5
6
7
8
9
10
11
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Supply Voltage (V)
Fig. 5 RDSON vs. Supply Voltage
1
10
100
4.50
4.75
5.00
5.25
5.50
VIN=3.6V
Output Current (mA)
Fig. 6 Load Regulation (L1=10uH)
Output Current (mA)
Fig. 7 Load Regulation (L1=22uH)
1
10
10.5
11.0
11.5
12.0
12.5
VIN=3.6V
100
2
3
4
5
6
7
8
9
10
11
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
FB=1.0V
SHDN=1.0V
Supply Voltage (V)
Fig. 8 Switching Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com