Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6896 Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6896
Description  1.4MHz Current-Mode Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6896 Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6896 Datasheet HTML 4Page - Silicon Standard Corp. SS6896 Datasheet HTML 5Page - Silicon Standard Corp. SS6896 Datasheet HTML 6Page - Silicon Standard Corp. SS6896 Datasheet HTML 7Page - Silicon Standard Corp. SS6896 Datasheet HTML 8Page - Silicon Standard Corp. SS6896 Datasheet HTML 9Page - Silicon Standard Corp. SS6896 Datasheet HTML 10Page - Silicon Standard Corp. SS6896 Datasheet HTML 11Page - Silicon Standard Corp. SS6896 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.SiliconStandard.com
11 of 12
Rev.2.01 6/06/2003
SS6896
LX
FB
GND
SS
SHDN
IN
SS6896
C2
0.033µF
R1
82£[
R2
1K£[
ZD1
R3
3.3K£[
VDC 0V~5V
ON
OFF
20mA~0mA
LX
FB
GND
SS
SHDN
IN
SS6896
C2
0.033µF
R1
82£[
R2
1K£[
ZD1
R3
3.3K£[
PWM
C1
0.1µF
4K£[
R4
ON
OFF
Fig. 22 Dimming-control using a DC voltage
Fig. 23 Dimming-control using a filtered PWM signal
Application Example
C2
0.033µF
LX
FB
GND
SS
SHDN
IN
L1
10µH
D1
CH521S-30
R1
62£[
ZD1
R2
1K£[
C1
4.7µF
ON
OFF
C3
1µF
IOUT=ILED=20mA
3V to 4.2V
23.5V~24.5V
BZV55-B24
VIN
R3
62£[
6
4
1
3
5
2
Fig. 24 Li-Ion powered driver for eight white LEDs with open-circuit protection
SS6896



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com