Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7646 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS7646
Description  Touch Screen Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS7646 Datasheet HTML 1Page - Silicon Standard Corp. SS7646 Datasheet HTML 2Page - Silicon Standard Corp. SS7646 Datasheet HTML 3Page - Silicon Standard Corp. SS7646 Datasheet HTML 4Page - Silicon Standard Corp. SS7646 Datasheet HTML 5Page - Silicon Standard Corp. SS7646 Datasheet HTML 6Page - Silicon Standard Corp. SS7646 Datasheet HTML 7Page - Silicon Standard Corp. SS7646 Datasheet HTML 8Page - Silicon Standard Corp. SS7646 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.SiliconStandard.com
3 of 5
SS7646
8/21/2004 Rev.2.01
Electrical Specifications
(TA = -40
°C to +85°C, VDD=+2.7V, VREF=+2.7V, fSample=125KHz, fCLK=24*fSample, 12-bit mode, Digital Inputs= GND or +VDD. Typical values are at
TA = +25
°C, unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
P
ower Supply Requirement
VDD
Quiescent Current
Power Dissipation
Specified Performance
Functional Operating Range
Internal Reference OFF
Internal Reference ON
Shut Down Mode
Internal Reference OFF
Internal Reference ON
Shut Down Mode
2.7
2.2
150
600
0.40
1.62
3.6
5.5
1
2.7
V
V
µA
µA
µA
mW
mW
µW
S
ystem Performance
Resolution
INL
DNL
Gain Error
Offset Error
12
±
2
±
1
±
4
±
6
Bits
LSB
LSB
LSB
LSB
D
igital Input/Output
Logic Family
VOH
VOL
VIH
VIL
/PENIRQ
VOL
CMOS Logic
100k
Ω Pull-Up
VDD*0.8
V
DD
*0.7
-0.3
0. 6
0.4
VDD + 0.3
0.8
V
V
V
V
V
A
nalog Input
InputSpan
Input Range
Capacitance
0
-0.2
25
VREF
VDD + 0.2
V
V
pF
R
eference Output
Internal Reference Voltage
Internal Reference Thermal Drift
Quiescent Current
Internal Reference ON (PD1=”1”)
(Functional from 2.7V to 5.5V VDD)
2.45
2.50
15
500
2.55
V
ppm/
°C
µA
R
eference Input
Input Range
Input Current
Internal Reference OFF (PD1=”0”)
1
15
VDD
V
µA
X / Y S
witches
X+, Y+
X -, Y -
Switch On-Resistance
Switch On-Resistance
5
5
Ω
Ω
B
attery Monitor
Input Voltage Range
Accuracy
Internal Reference
0.5
-3
6.0
+3
V
%
T
emperature Measurement
Operating Temperature Range
Resolution
Accuracy
Differential Method (TEMP1-TEMP0)
Single Conversion (TEMP0)
Differential Method (TEMP1-TEMP0)
Single Conversion (TEMP0)
-40
1.5
0.3
±
2
±
3
+85
°C
°C
°C
°C
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com