Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7646 Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS7646
Description  Touch Screen Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646 Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS7646 Datasheet HTML 5Page - Silicon Standard Corp. SS7646 Datasheet HTML 6Page - Silicon Standard Corp. SS7646 Datasheet HTML 7Page - Silicon Standard Corp. SS7646 Datasheet HTML 8Page - Silicon Standard Corp. SS7646 Datasheet HTML 9Page - Silicon Standard Corp. SS7646 Datasheet HTML 10Page - Silicon Standard Corp. SS7646 Datasheet HTML 11Page - Silicon Standard Corp. SS7646 Datasheet HTML 12Page - Silicon Standard Corp. SS7646 Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.SiliconStandard.com
4 of 5
SS7646
8/21/2004 Rev.2.01
APPLICATION CONSIDERATIONS
Typical Operating Circuit
SS7646
1
2
3
4
5
6
7
8
16
15
14
/CS
DCLK
DIN
DOUT
BUSY
/PENIRQ
VREF
X+
VDD
Y+
Y-
X-
2.7V to 5.5V
13
12
11
10
9
GND
Clock
Chip Select
Data In
Busy Status
Data Out
Pen
Interrupt
VDD
VBAT
VIN
Battery
DC/DC
Converter
Figure 12. Typical Operation Circuit of
the SS7646
Resistive Touch Screen (4-Wire)
The 4-wire resistive touch screen consists of 2 resistive
plates that are separated by a small gap. Each of the
plates has a resistance in the range from 200 to 2000
ohms.
The screen works by applying a voltage across the X
plate or Y plate resistive networks. If a voltage is
applied, for example, between X+ and X- then a voltage
divider is formed on the X plate. When the Y plate is
touched to the X plate, a voltage will be developed on
the Y plate. By accurately measuring this voltage, the
position on the screen can be determined. The
connections between the SS7646 and the touch
screen should
be as short as possible.
Y+
X-
X+ Y-
X PLATE
Y PLATE
Electrode
Figure 13. 4-wire Resistive Touch Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com