Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7646 Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS7646
Description  Touch Screen Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646 Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS7646 Datasheet HTML 5Page - Silicon Standard Corp. SS7646 Datasheet HTML 6Page - Silicon Standard Corp. SS7646 Datasheet HTML 7Page - Silicon Standard Corp. SS7646 Datasheet HTML 8Page - Silicon Standard Corp. SS7646 Datasheet HTML 9Page - Silicon Standard Corp. SS7646 Datasheet HTML 10Page - Silicon Standard Corp. SS7646 Datasheet HTML 11Page - Silicon Standard Corp. SS7646 Datasheet HTML 12Page - Silicon Standard Corp. SS7646 Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.SiliconStandard.com
4 of 5
SS7646
8/21/2004 Rev.2.01
Reference Input
The voltage difference between +REF and –REF
(shown VREF in Figure 5), in the range of 1V to + VDD,
sets the Analog-to-Digital converter (ADC) input
range. The full-scale analog input range of
the
SS7646 is therefore from 0 to V REF.
Typically the reference input is an external precise
voltage source VREF (MODE0=1, see Table IV) for
touch screen and auxiliary inputs measurement.
Figure 6 shows the configuration for a Y coordinate
measurement with MODE0=1. When utilizing the
panel measurement, the VREF must equal VDD as input
range is from 0 to VDD. If the reference input is from
the power supply directly, as Figure 12 shows for
example, special care must be taken to avoid noise
from the power supply.
When making touch screen measurements only, the
reference input can be set from VDD directly
(MODE0=0) and discard the VREF input. Figure 7
shows the configuration for a Y coordinate
measurement with MODE0=0.
Examples of DIN Configuration
Table VI shows DIN configurations for specified
applications.
ADC
VREF
A2A1A0
(Shown 101)
+REF
-REF
MODE0 = 1
IN
X+
VDD
GND
Y-
Y+
VDD
GND
Internal 2.5V
Reference
Figure 6. Touch
Screen Measurement with MODE0=1
ADC
VREF
A2A1A0
(Shown 101)
+REF
-REF
MODE0 = 0
IN
X+
VDD
GND
Y-
Y+
VDD
GND
Internal 2.5V
Reference
Figure 7. Touch
Screen Measurement with MODE0=0
Measurement
S
A2 A1 A0 MODE1 MODE0 PD1 PD0
+REF
X SWITCHES
Y SWITCHES
Touch Screen
Y-Position (X+)
1
0
0
1
0
0 / 1
0
0
VDD / VREF
OFF
ON
X-Position (Y+)
1
1
0
1
0
0 / 1
0
0
VDD / VREF
ON
OFF
Z1-Position (X+) 1
0
1
1
0
0 / 1
0
0
VDD / VREF
X+ OFF, X- ON Y+ ON , Y- OFF
Z2-Position (Y -) 1
1
0
0
0
0 / 1
0
0
VDD / VREF
X+ OFF, X- ON Y+ ON , Y- OFF
Battery
VBAT
1
0
1
0
0
1
1
1
VREF
OFF
OFF
-
1
0
1
0
*
0
*
*
Invalid Configuration
Auxiliary In.
VIN
1
1
1
0
0
1
1
1
VREF
OFF
OFF
-
1
1
1
0
*
0
*
*
Invalid Configuration
Temperature
TEMP1
1
1
1
1
0
1
1
1
VREF
OFF
OFF
TEMP0
1
0
0
0
0
1
1
1
VREF
OFF
OFF
-
1
1
1
1
*
0
*
*
Invalid Configuration
-
1
0
0
0
*
0
*
*
Invalid Configuration
Table VI
. Examples of DIN Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com