Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7646 Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS7646
Description  Touch Screen Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646 Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS7646 Datasheet HTML 5Page - Silicon Standard Corp. SS7646 Datasheet HTML 6Page - Silicon Standard Corp. SS7646 Datasheet HTML 7Page - Silicon Standard Corp. SS7646 Datasheet HTML 8Page - Silicon Standard Corp. SS7646 Datasheet HTML 9Page - Silicon Standard Corp. SS7646 Datasheet HTML 10Page - Silicon Standard Corp. SS7646 Datasheet HTML 11Page - Silicon Standard Corp. SS7646 Datasheet HTML 12Page - Silicon Standard Corp. SS7646 Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.SiliconStandard.com
4 of 5
SS7646
8/21/2004 Rev.2.01
Temperature Measurement
The temperature measurement is based on an on-chip
forward diode measurement. The forward diode
voltage VBE has a well-defined characteristic vs.
temperature. There are two measurement options for
the
SS7646, a Single Conversion Mode and a
Differential Conversion Mode.
(1) In the Single Conversion Mode, a diode voltage is
first digitized at a fixed calibration temperature (25
°C)
during the final test of the end product and this value T1
is stored in the memory, then only a single reading T2 is
required for the users to obtain the am bient
temperature through extrapolation from the calibration
temperature diode result.
This result assumes a diode temperature coefficient
(TC) of approximately –2.1 mV/
°C. This method
provides a resolution of approximately 0.3
°C and a
predicted accuracy of ± 3
°C.
This mode is achieved with an address setting of A2=0,
A1=0, A0=0 (TEMP0). Please refer to Table III and
Figure 8 for details.
(2) The Differential Conversion Mode requires two
points measurement to eliminate the need for absolute
temperature calibration. The first measurement TEMP0
(A2=0, A1=0, A0=0) is performed with a fixed bias
current into a diode and the second measurement
TEMP1 (A2=1, A1=1, A0=1) is performed with N times
(N=120 for SS7646) of the bias current into the
same diode. The voltage difference between first and
s ec ond r eadings is proportional to abs olute
temperature and is given by the following formula:
where V
BE represents the diode voltage, N is the bias
current multiple, k is Boltzmann’s constant and q is the
electron charge.
Taking Boltzmann’s constant k=1.38054x10
-23
electrons volts/degrees Kelvin, the electron charge
q=1.602189x10
- 1 9 Coulomb, then the ambient
temperature T, in degrees centigrade, would be
calculated as follows:
This method provides a much improved absolute
measurement of temperature of ± 2
°C, however
resolution is reduced to approximately 1.5
°C/LSB.
/PENIRQ
VDD
ADC
MUX
6 Channel
X+
ON
OFF
OFF
IN * I
Figure 8. Block Diagram of Temperature
Measurement Circuit
ADC
DC/DC
Converter
A2A1A0
(Shown 010)
Battery
0V to 6V
VBAT
VDD
ON
ON
7.5K
2.5K
Figure 9. Block Diagram of Battery
Measurement Circuit
ln(N)
x
)
q
kT
(
∆VBE
=
C/LSB
0.3
Resolution
0.61mV
4096
2.5V
LSB
1
°
=
=
=
[] C
T1)x0.3
(T2
25
C)
T(
°
−
−
=
°
273
-
(mV)
V
x
2.42
C)
T(
]
ln(120)
x
[k
V
x
(q
K)
T(
BE
BE)
∆
=
°
∆
=
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com