Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7646 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS7646
Description  Touch Screen Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS7646 Datasheet HTML 1Page - Silicon Standard Corp. SS7646 Datasheet HTML 2Page - Silicon Standard Corp. SS7646 Datasheet HTML 3Page - Silicon Standard Corp. SS7646 Datasheet HTML 4Page - Silicon Standard Corp. SS7646 Datasheet HTML 5Page - Silicon Standard Corp. SS7646 Datasheet HTML 6Page - Silicon Standard Corp. SS7646 Datasheet HTML 7Page - Silicon Standard Corp. SS7646 Datasheet HTML 8Page - Silicon Standard Corp. SS7646 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.SiliconStandard.com
4 of 5
SS7646
8/21/2004 Rev.2.01
FUNCTIONAL DESCRIPTION
OVERVIEW
The SS7646 is a 12-bit switched-capacitor SAR
Analog-to-Digital converter (ADC). The converter is
fabricated using a 0.6µm CMOS process and packaged
in the very small 16-pin SSOP package.
The typical operation of the SS7646 is shown in Figure
12. The SS7646 operates on a single supply
ranging from +2.2V to +5.5V. The SS7646
features an internal 2.5V reference and an external
clock. The reference voltage directly sets the input
range of the converter. The internal 2.5V reference can
be tu r n e d O N or O F F in d e p e n de n t l y of
the ADC.
The SS7646 contains six channel inputs, a serial
interface and low on-resistance switches for the touch
screen (see Block Diagram). The input to the
converter is selected via the six-channel multiplexer
as shown in Figure 5.
SERIAL INTERFACE
The typical operation of the SS7646 serial interface
(/CS, DCLK, DIN and DOUT) is shown in Figure 2.
The SS7646 communicates with microprocessors
or digital signal processors via a synchronous serial
interface. One complete conversion can be
accomplished with three serial communications for a
total 24 clock cycles on the DCLK input.
Operation of 24-Clocks
The operation is initiated by a falling signal on Chip
Select (/CS) input. After /CS falls, the SS7646 looks
for a start bit on the DIN input. The first eight clock
cycles are used to provide the control byte. At the end
of the operation the /CS pin should be brought high.
Bringing /CS high after the conversion also minimizes
supply current if DCLK is left running.
Bit 7 Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Start
A2
A1
A0 Mode1Mode0 PD1
PD0
Table I. Control Bits in the Control Byte
BIT
NAME
DESCRIPTION
7
Start
Start Bit.
6, 5, 4
A2, A1, A0
Input Channel Select Bits.
3, 2
Mode1,
Mode0
12-Bit / 8-Bit Resolution and
Int. Reference Configuration
Bits
1, 0
PD1, PD0
Power Down Control Bits
Table II. Description of the Control Bits
/CS
DCLK
X/Y SWITCH
DIN
BUSY
DOUT
18
1
18
START
A2
A1
A0
MODE0
MODE1
PD1 PD0
ON
Conversion
Acquire
Tri-State
Tri-State
Tri-State
Tri-State
11
(MSB)
(LSB)
0
8
1
Figure 2. Serial Interface of SS7646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com