Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7646 Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS7646
Description  Touch Screen Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS7646 Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS7646 Datasheet HTML 4Page - Silicon Standard Corp. SS7646 Datasheet HTML 5Page - Silicon Standard Corp. SS7646 Datasheet HTML 6Page - Silicon Standard Corp. SS7646 Datasheet HTML 7Page - Silicon Standard Corp. SS7646 Datasheet HTML 8Page - Silicon Standard Corp. SS7646 Datasheet HTML 9Page - Silicon Standard Corp. SS7646 Datasheet HTML 10Page - Silicon Standard Corp. SS7646 Datasheet HTML 11Page - Silicon Standard Corp. SS7646 Datasheet HTML 12Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.SiliconStandard.com
4 of 5
SS7646
8/21/2004 Rev.2.01
A2A1A0
(S ho w n 101 )
Y-
X+
Y+
X-
V BAT
V IN
VDD
B attery
M o nito r
/PEN IR Q
ADC
+ R E F
-R E F
IN
V R EF
M O D E 0
(S ho w n 1)
V DD
Figure 5. Diagram of Input Channel and Reference Input
ANALOG INPUT MEASUREMENT
The SS7646 contains 6 channel inputs. X+, Y+ and
Y- inputs are for touch screen measurement, 2 auxiliary
inputs are VBAT and VIN. The diode input (internal node)
is for temperature measurement. Figure 5 shows a
diagram of the analog input channel and reference
input. The input to the A/D converter is selected via the
s i x - c hannel m u ltiple x e r . ( s ee Blo c k
Diagram and Figure 5.)
Input Channel
Table III shown the input channel configuration of the
SS7646. The control bits are set via the DIN pin.
(see Control Byte section). The selected channel is for
A/D converter input. Please refer to Figure 5 for
detailed input channel multiplexer. For measuring X+
(Y-position) and Y+ (X-position), Y switches and X
switches are turned on respectively.
Internal Reference
The SS7646 has an internal 2.5V voltage
reference that can be turned ON with the power-down
address bit, PD1=”1”, at the configuration byte (See
Table V and Figure 1). The internal reference voltage
of SS7646 should be turned OFF (PD1=”0”) in
order to be compatible with the SS7643. If the
internal reference is turned OFF and the reference
is taken from the power supply directly, special care
must be taken to avoid noise from the power supply.
While the ADC can be powered up or down instantly,
the internal reference requires settling time to settle to
the final value. The power-up time of VREF is typically
30
µs without a load. The internal reference voltage
can be turned ON or OFF independently of the ADC.
T
his allows extra time for the reference voltage to be
settled before a conversion. Although /CS=”1” will
put the SS7646 into a power-down mode
immediately, the internal reference does not turn
OFF with /CS going HIGH. An additional pattern
with PD1=”0” is required before /CS goes HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com